Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISZ0803NLS Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ISZ0803NLS
Description  OptiMOSTM5 Power-Transistor, 100 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISZ0803NLS Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ISZ0803NLS Datasheet HTML 3Page - Infineon Technologies AG ISZ0803NLS Datasheet HTML 4Page - Infineon Technologies AG ISZ0803NLS Datasheet HTML 5Page - Infineon Technologies AG ISZ0803NLS Datasheet HTML 6Page - Infineon Technologies AG ISZ0803NLS Datasheet HTML 7Page - Infineon Technologies AG ISZ0803NLS Datasheet HTML 8Page - Infineon Technologies AG ISZ0803NLS Datasheet HTML 9Page - Infineon Technologies AG ISZ0803NLS Datasheet HTML 10Page - Infineon Technologies AG ISZ0803NLS Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
OptiMOSTM5Power-Transistor,100V
ISZ0803NLS
Rev.2.1,2021-04-01
Final Data Sheet
5PackageOutlines
DIMENSIONS
MIN.
MAX.
MILLIMETERS
PG-TSDSON-8-U03
REVISION: 03
DATE: 20.10.2020
PACKAGE - GROUP
NUMBER:
L
E1
L1
aaa
E2
c
D
A
b
e
E
D2
D1
L2
0.40
2.01
0.10
3.20
0.90
0.24
3.20
0.30
1.54
2.19
0.50
0.06
(0.20)
0.65
0.60
2.21
3.40
0.30
1.10
0.44
3.40
0.50
1.74
2.39
0.70
Figure1OutlinePG-TSDSON-8FL,dimensionsinmm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com