Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISZ0804NLS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ISZ0804NLS
Description  OptiMOSTM5 Power-Transistor, 100 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISZ0804NLS Datasheet(HTML) 1 Page - Infineon Technologies AG

  ISZ0804NLS Datasheet HTML 1Page - Infineon Technologies AG ISZ0804NLS Datasheet HTML 2Page - Infineon Technologies AG ISZ0804NLS Datasheet HTML 3Page - Infineon Technologies AG ISZ0804NLS Datasheet HTML 4Page - Infineon Technologies AG ISZ0804NLS Datasheet HTML 5Page - Infineon Technologies AG ISZ0804NLS Datasheet HTML 6Page - Infineon Technologies AG ISZ0804NLS Datasheet HTML 7Page - Infineon Technologies AG ISZ0804NLS Datasheet HTML 8Page - Infineon Technologies AG ISZ0804NLS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
ISZ0804NLS
Rev.2.1,2021-04-01
Final Data Sheet
1
2
3
4
8
7
6
5
8
7
6
5
4
3
2
1
PG-TSDSON-8FL
Drain
Pin 5-8
Gate
Pin 4
Source
Pin 1-3
*1
*1: Internal body diode
MOSFET
OptiMOSTM5Power-Transistor,100V
Features
•Idealforhigh-frequencyswitching
•Optimizedforcharger
•100%avalanchetested
•Superiorthermalresistance
•N-channel,logiclevel
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21
Productvalidation
QualifiedaccordingtoJEDECStandard
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
100
V
RDS(on),max
11.5
m
Ω
ID
58
A
Qoss
24
nC
QG(0V..4.5V)
9.2
nC
Type/OrderingCode
Package
Marking
RelatedLinks
ISZ0804NLS
PG-TSDSON-8 FL
0804NL
-


Similar Part No. - ISZ0804NLS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISZ0803NLS INFINEON-ISZ0803NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2021-04-01
ISZ080N10NM6 INFINEON-ISZ080N10NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 100 V
Rev. 2.2, 2023-02-10
More results

Similar Description - ISZ0804NLS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ146N10LS5 INFINEON-BSZ146N10LS5 Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.2,2016-08-10
BSZ096N10LS5 INFINEON-BSZ096N10LS5 Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2016-04-21
IPD050N10N5 INFINEON-IPD050N10N5 Datasheet
972Kb / 11P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2017-01-17
BSC070N10LS5 INFINEON-BSC070N10LS5 Datasheet
1Mb / 12P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.0,2019-04-01
ISC0802NLS INFINEON-ISC0802NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2021-04-01
ISC0803NLS INFINEON-ISC0803NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2021-04-01
ISC0804NLS INFINEON-ISC0804NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2021-04-01
ISC0806NLS INFINEON-ISC0806NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2021-04-01
ISZ0803NLS INFINEON-ISZ0803NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2021-04-01
BSC096N10LS5 INFINEON-BSC096N10LS5 Datasheet
1Mb / 12P
OptiMOSTM5 Power-Transistor, 100 V
Rev. 2.1, 2019-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com