Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSB285S Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HSB285S
Description  SILICON SCHOTTKY BARRIER DIODE FOR HIGH FREQUENCY DETECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSB285S Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSB285S Datasheet HTML 1Page - Renesas Technology Corp HSB285S Datasheet HTML 2Page - Renesas Technology Corp HSB285S Datasheet HTML 3Page - Renesas Technology Corp HSB285S Datasheet HTML 4Page - Renesas Technology Corp HSB285S Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSB285S
Rev.1.00, Apr.16.2003, page 2 of 5
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
2V
Average rectified current
I
O *
1
5mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Note:
1. Per one device
Electrical Characteristics *
1
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
V
F1
—
—
0.15
I
F = 0.1 mA
Forward voltage
V
F2
—
—
0.27
V
I
F = 1 mA
Capacitance
C
—
0.3
—
pF
V
R = 1 V, f = 1 MHz
ESD-Capability *
2
—
10
—
—
V
C = 200 pF, R
L = 0 Ω,
Both forward and reverse direction 1 pulse.
Notes: 1. Per one device
2. Failure criterion ; I
R ≥ 100 µA at VR = 0.5 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com