Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMAXQUSB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # CMAXQUSB
Description  USB Powered
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CMAXQUSB Datasheet(HTML) 4 Page - Maxim Integrated Products

  CMAXQUSB Datasheet HTML 1Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 2Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 3Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 4Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 5Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 6Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 7Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 8Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CMAXQUSB User’s Guide
4
Connectors P3 and P4 are designed to allow hardware
compatibility with previous Maxim EV kit module
designs. Headers P7 and P8 allow convenient probing
of SMBus/I2C and SPI bus signals.
Connector P5 is used during factory test to program the
MAXQ2000 in-circuit using the JTAG interface. The
connector pinout is compatible with the MAXQ2000 EV
kit’s MAXQ-JTAG-001 board.
Platform Capabilities and Limitations
General-Purpose Input and Output (GPIO) Pins
LED1 is lit when VDD is powered. LED2, LED3, and LED4
are general-purpose software-controlled indicators, which
also connect to GPIO lines. When driven as inputs, the
output impedance should be less than 6000
Ω.
SMBus/I2C/2-Wire Interface
The CMAXQUSB module offers “bit-banged” I2C at
400kHz (full speed, the default) or 100kHz (slow speed).
Optional user-switchable SCL/SDA pullup resistors are
provided on-board. Your PC and its software limits
attainable throughput. The SMBus/I2C bus runs in
bursts at rated speed, but there is some variable “dead
time” between transfers due to communications over-
head. Properly written PC software can minimize this
dead time but cannot completely eliminate it.
SPI/3-Wire Interface
The CMAXQUSB module offers SPI at up to 8MHz,
using the default pin configuration. All four CPOL/CPHA
modes are supported. Your PC and its software limits
attainable throughput. The SPI bus runs in bursts at
rated speed, but there is some variable “dead time”
between transfers, due to communications overhead.
Properly written PC software can minimize this dead
time but cannot completely eliminate it.
Power Supply
The CMAXQUSB is powered by the host PC’s universal
serial bus (USB). The VDD system voltage can be con-
figured for direct USB 5V power, 3.3V, or 2.5V using
one of two on-board linear regulators. An optional
external 9V DC plug-in transformer (“wall wart”) can be
connected for any EV kit board that requires this unreg-
ulated 9V DC power supply. Both the unregulated
9V DC and regulated VDD power-supply voltages are
provided to the EV kit board on the 2 x 10 (P3) and
2 x 20 (P4) connectors. Current available to a compan-
ion EV kit is 80mA.
During USB suspend, the FT232BM drives the MAX890
into a partially powered mode, bringing VDD up to
approximately 1.8V. No commands are sent to the
firmware during this mode, so there is no impact.
However, custom designs not requiring USB suspend
should consider removing the MAX890 to avoid this
problem.
Scripting and Data Acquisition
The CMAXQUSB can store a script of commands in its
internal memory to eliminate communication “dead
time.” A script may be repeated up to 256 times, but
branching and decision making are not supported. A
script may also have a maximum of 126 command/data
bytes. Up to 1024 bytes of data may be collected.
SMBus/I2C/2-Wire Bus Pullup Resistors
SMBus/I2C requires a pullup resistor on both SCL and
SDA. The CMAXQUSB provides 1.5k
Ω pullup resistors,
enabled by setting both circuits of DIP switch SW1
“ON.” If there are pullup resistors already on the bus,
disable the CMAXQUSB’s pullup resistors by setting
both circuits of SW1 “OFF.”
JUMPER
POSITION
FUNCTION
2.5V
VDD = 2.5V
3.3V
VDD = 3.3V
JU1 VDD
SELECT
5V
VDD = 5V
J2
(underneath
SW1)
Open
Factory assembly option:
replaces SW1-1.
J3
(underneath
SW1)
Open
Factory assembly option:
replaces SW1-2.
JU2
Closed
Connects MAXQ2000 P6.2 to
P6.3, supporting the Maxim
1-Wire® interface.
Open
JTAG connector P5 does not
connect to the +5V supply.
JU4
Closed
JTAG connector P5 connects to
the +5V supply.
Open
Optional higher voltage
unregulated power supply is left
unconnected; connector P1 is
not used.
JU5
Closed
Enable optional unregulated
power supply from P1 to
connectors P3 and P4.
Jumper Tables
1-Wire is a registered trademark of Maxim Integrated Products, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com