Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPAC01F2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPAC01F2
Description  RF DETECTOR FOR POWER AMPLIFIER CONTROL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPAC01F2 Datasheet(HTML) 2 Page - STMicroelectronics

  STPAC01F2 Datasheet HTML 1Page - STMicroelectronics STPAC01F2 Datasheet HTML 2Page - STMicroelectronics STPAC01F2 Datasheet HTML 3Page - STMicroelectronics STPAC01F2 Datasheet HTML 4Page - STMicroelectronics STPAC01F2 Datasheet HTML 5Page - STMicroelectronics STPAC01F2 Datasheet HTML 6Page - STMicroelectronics STPAC01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STPAC01F2
2/7
Table 2: Absolute Retings (Tamb = 25°C)
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
Table 3: Parameters related to BIAS voltage
Table 4: Parameters related detection function (VBIAS + 2.7 V, DC output load = 100kΩ)
Table 5: Parameters related to detection function
Symbol
Parameter and test conditions
Value
Unit
VBIAS
Bias voltage
5
V
PRF
RF power at the RF input
20
dBm
FOP
Operating frequency range
0.8 to 2
GHz
VPP
ESD level as per MIL-STD 883E method 3015.7 notice 8 (HBM)
250
V
TOP
Operating temperature range
- 30 to + 85
°C
TSTG
Storage temperature range
- 55 to + 150
°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBIAS
Operating bias voltage
2.2
3.2
V
IBIAS
Bias current
VBIAS = 3.2 V
0.5
mA
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDCout
DC output voltage
(see fig. 1, IDC = 50 µA)
F = 1.85 GHz, PRF = 10 dBm
0.97
1.07
1.17
V
F = 1.85 GHz, PRF = - 20 dBm
1.83
1.93
2.03
F = 0.85 GHz, PRF = 10 dBm
0.78
0.88
0.98
F = 0.85 GHz, PRF = - 20 dBm
1.83
1.93
2.03
∆VDCout
DC output voltage varia-
tion (see fig. 8,
IDC = 50µA)
0 < Tamb < 70°C
F = 1.85 GHz, PRF = 10 dBm
0.09
V
2.2 < VBIAS < 3.2 V
F = 1.85 GHz, PRF = 10 dBm
0.44
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTemp
Temperature output
voltage (see fig. 9)
IDC = 50µA
1.83
1.93
2.03
V
∆VTemp
Temperature output
voltage variation
(see fig. 9)
IDC = 50µA, 0 < Tamb < 70°C
0.09
V
IDC = 50µA, 2.2 < VBIAS < 3.2V
0.44



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com