Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9986 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9986
Description  Fully Assembled and Tested
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9986 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9986 Datasheet HTML 1Page - Maxim Integrated Products MAX9986 Datasheet HTML 2Page - Maxim Integrated Products MAX9986 Datasheet HTML 3Page - Maxim Integrated Products MAX9986 Datasheet HTML 4Page - Maxim Integrated Products MAX9986 Datasheet HTML 5Page - Maxim Integrated Products MAX9986 Datasheet HTML 6Page - Maxim Integrated Products MAX9986 Datasheet HTML 7Page - Maxim Integrated Products MAX9986 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAX9986 Evaluation Kit
2
_______________________________________________________________________________________
Quick Start
The MAX9986 EV kit is fully assembled and factory test-
ed. Follow the instructions in the Connections and
Setup section for proper device evaluation.
Test Equipment Required
This section lists the recommended test equipment to
verify the operation of the MAX9986. It is intended as a
guide only, and substitutions may be possible:
• One DC supply capable of delivering +5.0V and
300mA
• Three RF signal generators capable of delivering
10dBm of output power in the 700MHz to 1500MHz
frequency range (i.e., HP 8648)
• One RF spectrum analyzer with a minimum 100kHz
to 3GHz frequency range (HP 8561E)
• One RF power meter (HP 437B)
• One power sensor (HP 8482A)
Connections and Setup
This section provides a step-by-step guide to testing
the basic functionality of the EV kit. As a general pre-
caution to prevent damaging the outputs by driving
high-VSWR loads, do not turn on DC power or RF
signal generators until all connections are made.
This procedure is specific to operation at an RF frequency
of 910MHz using high-side injected LO for a 160MHz IF.
Choose the test frequency based on the particular
system’s frequency plan, and adjust the following proce-
dure accordingly. See Figure 1 for the mixer test setup
diagram:
1) Calibrate the power meter for 910MHz. For safety
margin, use a power sensor rated to at least
+20dBm, or use padding to protect the power head
as necessary.
2) Connect 3dB pads to the DUT ends of each of the
three RF signal generators’ SMA cables. This
padding improves VSWR and reduces the errors
due to mismatch.
3) Use the power meter to set the RF signal generators
according to the following:
•
RF signal source: -5dBm into DUT at
910MHz (this will be approximately -2dBm
before the 3dB pad).
•
LO1 signal source: 0dBm into DUT at
1070MHz (this will be approximately 3dBm
before the 3dB pad).
•
LO2 signal source: 0dBm into DUT at
1069MHz (this will be approximately 3dBm
before the 3dB pad).
4) Disable the signal generator outputs.
5) Connect the RF source (with pad) to RFIN.
6) Connect the LO1 and LO2 signal sources to the EV
kit’s LO1 and LO2 inputs, respectively.
7) Measure loss in 3dB pad and cable that will be con-
nected to IFOUT. Losses are frequency dependent,
so test this at 160MHz (the IF frequency). Use this
loss as an offset in all output power/gain calculations.
8) Connect this 3dB pad to the EV kit’s IFOUT connec-
tor and connect a cable from the pad to the spec-
trum analyzer.
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
TP1
1
Large test point for 0.062in PC board
(red)
Mouser 151-107 or equivalent
TP2
1
Large test point for 0.062in PC board
(black)
Mouser 151-103 or equivalent
TP3
1
Large test point for 0.062in PC board
(white)
Mouser 151-101 or equivalent
U1
1
Active mixer IC (5mm x 5mm, 20-pin
QFN, EP)
Maxim MAX9986ETP
NOTE: U1 HAS AN EXPOSED
PADDLE CONDUCTOR THAT
REQUIRES IT TO BE SOLDER
ATTACHED TO A GROUNDED PAD
ON THE CIRCUIT BOARD TO
ENSURE A PROPER
ELECTRICAL/THERMAL DESIGN.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com