Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7033 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7033
Description  Available in 315MHz or 433.92MHz Optimized Versions
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7033 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7033 Datasheet HTML 1Page - Maxim Integrated Products MAX7033 Datasheet HTML 2Page - Maxim Integrated Products MAX7033 Datasheet HTML 3Page - Maxim Integrated Products MAX7033 Datasheet HTML 4Page - Maxim Integrated Products MAX7033 Datasheet HTML 5Page - Maxim Integrated Products MAX7033 Datasheet HTML 6Page - Maxim Integrated Products MAX7033 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Quick Start
The following procedures allow for proper device
evaluation.
Required Test Equipment
•
Regulated power supply capable of providing
+3.3V
•
RF signal generator capable of delivering from
-120dBm to 0dBm of output power at the operating
frequency, in addition to AM or pulse-modulation
capabilities (Agilent E4420B or equivalent)
•
Optional ammeter for measuring supply current
•
Oscilloscope
Connections and Setup
This section provides a step-by-step guide to operating
the EV kit and testing the device’s functionality. Do not
turn on the DC power or RF signal generator until all
connections are made:
1) Connect a DC supply set to +3.3V (through an
ammeter if desired) to the VDD and GND terminals
on the EV kit. Do not turn on the supply.
2) Connect the RF signal generator to the RF_IN SMA
connector. Do not turn on the generator output. Set
the generator for an output frequency of 315MHz
(or 433.92MHz) at a power level of -100dBm. Set
the modulation of the generator to provide a 2kHz,
100%, AM-modulated square wave (or a 2kHz
pulse-modulated signal).
3) Connect the oscilloscope to test point TP3.
4) Turn on the DC supply. The supply current should
read approximately 5mA.
5) Activate the RF generator’s output without modula-
tion. The scope should display a DC voltage that
varies from approximately 1.2V to 2.0V as the RF
generator amplitude is changed from -115dBm to
0dBm. (Note: At an amplitude of around -60dBm,
this DC voltage drops suddenly to approximately
1.5V and then starts rising again with increasing
input amplitude. This is normal; the AGC is turning
on the LNA gain-reduction resistor.)
6) Set the RF generator to -100dBm. Activate the RF
generator’s modulation and set the scope’s cou-
MAX7033 Evaluation Kit
2
_______________________________________________________________________________________
DESIGNATION
QTY
DESCRIPTION
R7
1
0
Ω resistor (0603)
R8
1
10k
Ω resistor (0603), any
RF_IN
1
SMA connector, top mount
Digi-Key J500-ND
Johnson 142-0701-201
TP2, TP4–TP12
0
Not installed
VDD, GND,
SHDN,
AGC
_C,
DATA_OUT, TP3
6
Test points
Mouser 151-203 or equivalent
Y1
(315MHz)
1
4.754687MHz crystal
Hong Kong Crystals
SSL4754687E03FAFZ8A0 or
Crystek 016867
Y1
(433MHz)
1
6.6128MHz crystal
Hong Kong Crystals
SSL6612813E03FAFZ8A0 or
Crystek 016868
Y2
1
10.7MHz ceramic filter
Murata SFTLA10M7FA00-B0
U1
1
MAX7033EUI
—
1
MAX7033 EV kit PC board
—
5
Shunts (JU1)
Digi-Key S9000-ND or equivalent
DESIGNATION
QTY
DESCRIPTION
JU3, JU4
0
Not installed
JU7
1
2-pin header
JU8
1
Shorted
L1
(315MHz)
1
27nH
±5% inductor (0603)
Coilcraft 0603CS-27NXJB
L1
(433MHz)
1
15nH
±5% inductor (0603)
Coilcraft 0603CS-15NXJB
L2
(315MHz)
1
120nH
±5% inductor (0603)
Coilcraft 0603CS-R12XJB
L2
(433MHz)
1
56nH
±5% inductor (0603)
Coilcraft 0603CS-56NXJB
L3
1
15nH
±5% inductor (0603)
Murata LQG18HN15NJ00
MIX_OUT
0
Not installed, SMA connector, top
mount
Digi-Key J500-ND
Johnson 142-0701-201
R1
1
5.1k
Ω resistor (0603), any
R2, R4, R6
0
Not installed, resistors (0603)
R3
0
Not installed, 270
Ω resistor (0603)
any
R5
1
10k
Ω resistor (0603), any
Component List (continued)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com