Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-NEIP-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R8-NEIP-R
Description  Remote I/O R8 Series POWER/NETWORK MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-NEIP-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R8-NEIP-R Datasheet HTML 1Page - M-System Co.,Ltd. R8-NEIP-R Datasheet HTML 2Page - M-System Co.,Ltd. R8-NEIP-R Datasheet HTML 3Page - M-System Co.,Ltd. R8-NEIP-R Datasheet HTML 4Page - M-System Co.,Ltd. R8-NEIP-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: R8-NEIP1
R8-NEIP1 SPECIFICATIONS
ES-9799 Rev.0 Page 3/5
http://www.m-system.co.jp/
EXTERNAL VIEW
Status Indicator LED
Miniature Jack Connector
for Configuration
EtherNet/IP Communication
RJ-45 Modular Jack
Fixed Address Setting
Rotary SW
Internal Bus Connector
LNK2
LNK1
Power
RUN
MS
NS
LNK1
LNK2
SA
X10
X100
X1
On
8
76
54
32
1
Config
Function Setting
DIP SW
8
7
6
5
4
3
2
1
On
Connector for
Power Supply and
Excitation Supply
■ STATUS INDICATOR LED
ID
STATE
COLOR
TO INDICATE
Power
ON
Green
Power supplied
RUN
ON/Blink
Green
Turns on or blinks depending on the status
MS
ON
Green
Normal operation
ON
Red
Critical failure
Blink
Minor failure
NS
On
Green
Connections are established
Blink
Connections are not established
ON
Red
Critical Link failure
Blink
Minor Link failure
LNK1
ON
Green
Link 1 is established
LNK2
ON
Green
Link 2 is established
CONNECTION DIAGRAMS
■ POWER SUPPLY, EXCITATION SUPPLY CONNECTOR TERMINAL ASSIGNMENT
Printed-circuit board connector (Phoenix Contact)
Unit side connector:
MSTBV2,5/5-GF-5,08AU
Cable side connector: TFKC2,5/5-STF-5,08AU
PIN
ID
FUNCTION
No.
1
24V
Power supply 24V DC
2
0V
Power supply 0V DC
3
+
Excitation supply 24V DC
4
−
Excitation supply 0V DC
5
FE1
Grounding
1
2
3
4
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com