Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-NC3-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R8-NC3-R
Description  Remote I/O R8 Series POWER/NETWORK MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-NC3-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R8-NC3-R Datasheet HTML 1Page - M-System Co.,Ltd. R8-NC3-R Datasheet HTML 2Page - M-System Co.,Ltd. R8-NC3-R Datasheet HTML 3Page - M-System Co.,Ltd. R8-NC3-R Datasheet HTML 4Page - M-System Co.,Ltd. R8-NC3-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: R8-NC3
R8-NC3 SPECIFICATIONS
ES-9726 Rev.5 Page 5/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FE1 terminal to ground.
Caution: FE1 terminal is NOT a protective conductor terminal.
INTERNAL BUS
JACK
DA
DG
DB
SLD
FE
TO OTHER
CC-Link
DEVICES
Comm.
Circuit
Control
Circuit
STATUS
INDICATOR
Isolation
ROTARY SW
DIP SW
EXC. SUPPLY (24V)
INTERNAL
POWER (5V)
PC CONFIGURATION JACK
Power
Circuit
(No isolation)
+24V
0V
+
−
FE1
POWER
EXC. SUPPLY
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com