Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-DCT8B2/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R8-DCT8B2/Q
Description  Remote I/O R8 Series PNP TRANSISTOR OUTPUT MODULE, 8 points
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-DCT8B2/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R8-DCT8B2/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-DCT8B2/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-DCT8B2/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-DCT8B2/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-DCT8B2/Q Datasheet HTML 5Page - M-System Co.,Ltd. R8-DCT8B2/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: R8-DCT8B2
R8-DCT8B2 SPECIFICATIONS
ES-9677 Rev.0 Page 4/6
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm [inch]
DIN RAIL
(35 mm wide)
(3 [.12])
(4 [.16])
24 [.94]
72 [2.83]
55 [2.17]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com