Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9850 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC9850
Description  Clock Generator for PowerQUICC III
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9850 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC9850 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9850 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9850 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9850 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9850 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9850 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9850 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9850 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC9850 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
9
MPC9850
PACKAGE DIMENSIONS
VA SUFFIX
VM SUFFIX (PB-FREE)
100 MAPBGA PACKAGE
CASE 1462-01
ISSUE O
A1 INDEX
AREA
B
C
0.2
11
TOP VIEW
11
4X
A1 INDEX
AREA
9X
10
9
8
7
4
3
2
1
A
B
C
D
E
F
G
H
J
K
3
BOTTOM VIEW
B
M
0.25
C
A
M
0.10
A
100X
0.55
0.45
6
5
1
0.5
0.5
9X
1
K
SIDE VIEW
A
0.35 A
0.12 A
100X
0.43
4
(1.18)
1.7 MAX
ROTATED 90˚ CLOCKWISE
DETAIL K
SEATING
PLANE
0.29
5
NOTES:
1.
2.
3.
4.
5.
ALL DIMENSIONS ARE IN MILLIMETERS.
DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
MAXIMUM SOLDER BALL DIAMETER MEASURED
PARALLEL TO DATUM A.
DATUM A, SEATING PLANE, IS DEFINED BY THE
SPHERICAL CROWNS OF THE SOLDER BALLS.
PARALLELISM MEASUREMENT SHALL EXCLUDE
ANY EFFECT OF MARK ON TOP SURFACE OF
PACKAGING.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com