Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD232C3 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD232C3
Description  2-9 GHz Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD232C3 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD232C3 Datasheet HTML 1Page - Qorvo, Inc CMD232C3 Datasheet HTML 2Page - Qorvo, Inc CMD232C3 Datasheet HTML 3Page - Qorvo, Inc CMD232C3 Datasheet HTML 4Page - Qorvo, Inc CMD232C3 Datasheet HTML 5Page - Qorvo, Inc CMD232C3 Datasheet HTML 6Page - Qorvo, Inc CMD232C3 Datasheet HTML 7Page - Qorvo, Inc CMD232C3 Datasheet HTML 8Page - Qorvo, Inc CMD232C3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD232C3 is a wideband GaAs MMIC
driver amplifier housed in a leadless 3x3 mm
surface mount package.
The CMD232C3 is
ideally
suited
for
military,
space
and
communications systems where small size and
high linearity are needed. At 6 GHz the device
delivers greater than 15 dB of gain with a
corresponding output 1 dB compression point of
+17 dBm and an output IP3 of 23 dBm. The
CMD232C3 is a 50 ohm matched design which
eliminates the need for external DC blocks and
RF port matching.
► High gain
► Wide bandwidth
► Single positive supply voltage
► Pb-free RoHs compliant 3x3 QFN package
Electrical Performance - Vdd = 6.0 V, TA = 25
oC, F=6 GHz
Features
Description
Functional Block Diagram
ver 1.1 1017
Parameter
Min
Typ
Max
Units
Frequency Range
2 - 9
GHz
Gain
15
dB
Input Return Loss
15
dB
Output Return Loss
14
dB
Output P1dB
17
dBm
Supply Current
90
mA
Output IP3
23
dBm
CMD232C3
CMD232C3
CMD232C3
2-9 GHz Driver Amplifier


Similar Part No. - CMD232C3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD232C3 MMIC-CMD232C3 Datasheet
253Kb / 12P
2-9 GHz Driver Amplifier
More results

Similar Description - CMD232C3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD170P4 MMIC-CMD170P4 Datasheet
234Kb / 9P
7.5-9 GHz Driver Amplifier
CMD232 MMIC-CMD232 Datasheet
222Kb / 12P
2-9 GHz Driver Amplifier
CMD232C3 MMIC-CMD232C3 Datasheet
253Kb / 12P
2-9 GHz Driver Amplifier
logo
Qorvo, Inc
CMD170P4 QORVO-CMD170P4 Datasheet
234Kb / 9P
7.5-9 GHz Driver Amplifier
CMD295C4 QORVO-CMD295C4 Datasheet
301Kb / 13P
2-20 GHz Driver Amplifier
CMD232 QORVO-CMD232 Datasheet
222Kb / 12P
2-9 GHz Driver Amplifier
CMD170P4 QORVO-CMD170P4_V01 Datasheet
279Kb / 10P
7.5-9 GHz Driver Amplifier
August 26, 2021
CMD231 QORVO-CMD231 Datasheet
233Kb / 12P
2-6 GHz Driver Amplifier
CMD295 QORVO-CMD295 Datasheet
265Kb / 13P
2-20 GHz Driver Amplifier
CMD295C4 QORVO-CMD295C4_V01 Datasheet
401Kb / 14P
2-20 GHz Driver Amplifier
August 23, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com