Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD175P4 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # CMD175P4
Description  2-4 GHz 5-Bit Digital Phase Shifter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD175P4 Datasheet(HTML) 4 Page - Qorvo, Inc

  CMD175P4 Datasheet HTML 1Page - Qorvo, Inc CMD175P4 Datasheet HTML 2Page - Qorvo, Inc CMD175P4 Datasheet HTML 3Page - Qorvo, Inc CMD175P4 Datasheet HTML 4Page - Qorvo, Inc CMD175P4 Datasheet HTML 5Page - Qorvo, Inc CMD175P4 Datasheet HTML 6Page - Qorvo, Inc CMD175P4 Datasheet HTML 7Page - Qorvo, Inc CMD175P4 Datasheet HTML 8Page - Qorvo, Inc CMD175P4 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Typical Performance
Insertion Loss, Major States, Vee = -3.0 V, TA = 25
oC
Relative Phase Shift, Major States and All On State, Vee = -3.0 V, TA = 25
oC
CMD175P4
2-4 GHz 5-Bit Digital Phase Shifter
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1.5
2
2.5
3
3.5
4
4.5
5
Frequency/GHz
Reference
11.25
22.5
45
90
180
0
22.5
45
67.5
90
112.5
135
157.5
180
202.5
225
247.5
270
292.5
315
337.5
360
382.5
405
1
1.5
2
2.5
3
3.5
4
4.5
5
Frequency/GHz
ver 1.4 0518



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com