Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1600529 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1600529
Description  RC-16P1N121I00
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1600529 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1600529 Datasheet HTML 1Page - PHOENIX CONTACT 1600529 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1600529
09/12/2014   Page 1 / 2
 - RC-16P1N121I00 - 1600529
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable connector, with Pg9 connection thread, straight, shielded: No, Screw locking, M23, Number of positions:
16, Type of contact: Male connector, Solder connection, Cable diameter: 6.5 mm ... 9.5 mm
The figure shows the 12-pos. product
version, with standard DIN cable
gland
 
Key commercial data
Packing unit
1 pc
Custom tariff number
74153300
Country of origin
Germany
Technical data
Product type
Circular connector (cable-side)
Cable diameter
6.5 mm ... 9.5 mm
Coding
N
Type
Cable connector, with Pg9 connection thread
Number of positions
16
Thread
M23
Rated voltage (IEC)
150
Rated current (IEC)
8
Knurl material
Metal
Shielding
No
Signal type
Signal
Connection method
Solder connection


Similar Part No. - 1600529

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
16005 ARIES-16005 Datasheet
897Kb / 1P
Program Header and Cover
logo
Turck, Inc.
16005 TURCK-16005 Datasheet
965Kb / 2P
Inductive Sensor
11/07/2023
logo
Heyco.
16005 HEYCO-16005 Datasheet
150Kb / 2P
Hook and Loop – Ties
logo
Belden Inc.
16005 BELDEN-16005 Datasheet
421Kb / 4P
Gigabit Ethernet Cat7 Data Double-Ended Cordset
02-03-2025
logo
Cooper Bussmann, Inc.
16005-2 COOPER-16005-2 Datasheet
1Mb / 4P
Splicer blocks
More results

Similar Description - 1600529

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
RC-4 TRIAD-RC-4 Datasheet
35Kb / 1P
RC-4
RC-6 TRIAD-RC-6 Datasheet
124Kb / 1P
RC-6
RC-7 TRIAD-RC-7 Datasheet
37Kb / 1P
RC-7
logo
Infineon Technologies A...
IKD04N60RF INFINEON-IKD04N60RF Datasheet
368Kb / 2P
RC-Drive and RC-Drive Fast
09 / 2012
logo
PHOENIX CONTACT
1603893 PHOENIX-1603893 Datasheet
46Kb / 1P
RC-E0034
1595045 PHOENIX-1595045 Datasheet
43Kb / 1P
RC-09P1N1280LA
1598510 PHOENIX-1598510 Datasheet
56Kb / 2P
RC-12S1N121L00
1597932 PHOENIX-1597932 Datasheet
57Kb / 3P
RC-12P2N127K00
5900230 PHOENIX-5900230 Datasheet
50Kb / 2P
RC module - RC/RK 0,22UF/47
11/05/2018
1592756 PHOENIX-1592756 Datasheet
50Kb / 2P
RC-000000090J0
12/06/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com