Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE17RAMUS Datasheet(PDF) 1 Page - Schneider Electric

Part # RE17RAMUS
Description  Harmony, Modular timing relay, 8 A, 1 CO, 1 s..100 h, on delay, spring terminals, 24 V DC / 24...240 V AC/DC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RE17RAMUS Datasheet(HTML) 1 Page - Schneider Electric

  RE17RAMUS Datasheet HTML 1Page - Schneider Electric RE17RAMUS Datasheet HTML 2Page - Schneider Electric RE17RAMUS Datasheet HTML 3Page - Schneider Electric RE17RAMUS Datasheet HTML 4Page - Schneider Electric RE17RAMUS Datasheet HTML 5Page - Schneider Electric RE17RAMUS Datasheet HTML 6Page - Schneider Electric RE17RAMUS Datasheet HTML 7Page - Schneider Electric RE17RAMUS Datasheet HTML 8Page - Schneider Electric RE17RAMUS Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product data sheet
Characteristics
RE17RAMUS
Harmony, Modular timing relay, 8 A, 1 CO, 1
s..100 h, on delay, spring terminals, 24 V DC /
24...240 V AC/DC
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 45.05 USD
Main
Range of Product
Harmony Timer Relays
Product or Component Type
Dual function relay
Discrete output type
Relay
Maximum Width
0.69 in (17.5 mm)
Device short name
RE17R
Time delay type
Power on-delay
Time delay range
1...10 min
10...100 h
0.1...1 s
6...60 s
6...60 min
1...10 s
1...10 h
Nominal output current
8 A
Complementary
Contacts type and composition
1 C/O
Contacts material
Cadmium free
Maximum Height
3.54 in (90 mm)
Maximum Depth
2.83 in (72 mm)
Control type
Selector switch front panel
[Us] rated supply voltage
24...240 V AC 50/60 Hz
24 V DC
Voltage range
0.85...1.1 Us
Supply frequency
50...60 Hz +/- 5 %
Release of input voltage
10 V
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Aug 25, 2021
1


Similar Part No. - RE17RAMUS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RE17RAMU SCHNEIDER-RE17RAMU Datasheet
113Kb / 9P
RE17RAMU
Aug 11, 2020
More results

Similar Description - RE17RAMUS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RE17RCMU SCHNEIDER-RE17RCMU Datasheet
144Kb / 8P
Harmony, Modular timing relay, 8 A, 1 CO, 1 s..100 h, off delay, 24 V DC / 24...240 V AC/DC
Aug 25, 2021
RE17RCMUS SCHNEIDER-RE17RCMUS Datasheet
146Kb / 8P
Harmony, Modular timing relay, 8 A, 1 CO, 1 s..100 h, off delay, spring terminals, 24 V DC / 24...240 V AC/DC
Aug 25, 2021
RE17RHMU SCHNEIDER-RE17RHMU Datasheet
163Kb / 9P
Harmony, Modular timing relay, 8 A, 1 CO, 1 s..100 h, on delay, 24 V DC / 24...240 V AC/DC
Aug 25, 2021
RE17RHMUS SCHNEIDER-RE17RHMUS Datasheet
168Kb / 9P
Harmony, Modular timing relay, 8 A, 1 CO, 1 s..100 h, on delay, spring terminals, 24 V DC / 24...240 V AC/DC
Aug 25, 2021
RE17RLMUS SCHNEIDER-RE17RLMUS Datasheet
150Kb / 9P
Harmony, Modular timing relay, 8 A, 1 CO, 1 s..100 h, asymmetrical flashing, spring terminals, 24 V DC / 24...240 V AC/DC
Aug 25, 2021
RE17RMEMUS SCHNEIDER-RE17RMEMUS Datasheet
252Kb / 15P
Harmony, Modular timing relay, 8 A, 1 CO, 0.1 s..10 h, multifunction, spring terminals, 24 V DC / 24...240 V AC/DC
Aug 25, 2021
RE17RMMU SCHNEIDER-RE17RMMU Datasheet
272Kb / 18P
Harmony, Modular timing relay, 8 A, 1 CO, 1 s..100 h, multifunction, 24 V DC / 24...240 V AC/ DC
Aug 25, 2021
RE17RMMUS SCHNEIDER-RE17RMMUS Datasheet
276Kb / 17P
Harmony, Modular timing relay, 8 A, 1 CO, 1 s..100 h, multifunction, spring terminals, 24 V DC / 24...240 V AC/DC
Aug 25, 2021
RE17RMXMU SCHNEIDER-RE17RMXMU Datasheet
209Kb / 16P
Harmony, Modular timing relay, 8 A, 1 CO, 1 s..100 h, multifunction, 24 V DC / 24...240 V AC/ DC
Aug 25, 2021
RE17RMXMUS SCHNEIDER-RE17RMXMUS Datasheet
214Kb / 16P
Harmony, Modular timing relay, 8 A, 1 CO, 1 s..100 h, multifunction, spring terminals, 24 V DC / 24...240 V AC/DC
Aug 25, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com