Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC7410
Description  MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnLE Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410 Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC7410 Datasheet HTML 1Page - NXP Semiconductors MPC7410 Datasheet HTML 2Page - NXP Semiconductors MPC7410 Datasheet HTML 3Page - NXP Semiconductors MPC7410 Datasheet HTML 4Page - NXP Semiconductors MPC7410 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnLE Series, Rev. 1
2
Freescale Semiconductor
DC Electrical Characteristics
The MPC7410TxxnnnLE series DC electrical characteristics are identical to that of the MPC7410, with
the exception shown in Table B.
Table A. Part-Number-Specific Changes
Freescale Part
Number
Operating Conditions
Significant Changes from
Hardware Specification
CPU
Frequency
(MHz)
VDD
TJ
(
°C)
OVDD
(V)
MPC7410THX500LE
500
1.8 V ±100 mV –40 to 105
1.8/2.5/3.3
Extended temperature range. For all DC/AC
specifications not mentioned in this
document, see the MPC7410RX500LE
specifications in the
MPC7410 RISC
Microprocessor Hardware Specifications.
MPC7410THX450LE
450
1.8 V ±100 mV –40 to 105
1.8/2.5/3.3
Extended temperature range. For all DC/AC
specifications not mentioned in this
document, see the MPC7410RX450LE
specifications in the
MPC7410 RISC
Microprocessor Hardware Specifications.
MPC7410THX400LE
400
1.8 V ±100 mV –40 to 105
1.8/2.5/3.3
Extended temperature range. For all DC/AC
specifications not mentioned in this
document, see the MPC7410RX400LE
specifications in the
MPC7410 RISC
Microprocessor Hardware Specifications.
MC7410TVU400LE
400
1.8 V ±100 mV –40 to 105
1.8/2.5/3.3
Extended temperature range. For all DC/AC
specifications not mentioned in this
document, see the MC7410VU400LE
specifications in the
MPC7410 RISC
Microprocessor Hardware Specifications.
Table B. Recommended Operating Conditions
Characteristic
Symbol
Recommended Value
Unit
Die-junction temperature
Tj
–40 to 105
°C
Note: See the
MPC7410 RISC Microprocessor Hardware Specifications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com