Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC7410
Description  MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410 Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC7410 Datasheet HTML 1Page - NXP Semiconductors MPC7410 Datasheet HTML 2Page - NXP Semiconductors MPC7410 Datasheet HTML 3Page - NXP Semiconductors MPC7410 Datasheet HTML 4Page - NXP Semiconductors MPC7410 Datasheet HTML 5Page - NXP Semiconductors MPC7410 Datasheet HTML 6Page - NXP Semiconductors MPC7410 Datasheet HTML 7Page - NXP Semiconductors MPC7410 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series, Rev. 2.0
2
Freescale Semiconductor
Features
2 Features
This section summarizes changes to the features of the MPC7410 described in the MPC7410 Hardware
Specifications.
•
Bus interface
— Selectable interface voltages of 1.8 V, 2.5 V (3.3 V not supported)
4.1 DC Electrical Characteristics
Voltage to the L2 I/Os and processor interface I/Os are provided through separate sets of supply pins and
may be provided at the voltages shown in Table 2.
Table A. Part Numbers Addressed by this Data Sheet
Freescale Part
Number
Operating Conditions
Significant Differences from Hardware
Specification
CPU
Frequency
Vdd
TJ (°C)
OVdd
MPC7410RX400NE
MPC7410HX400NE
MPC7410VS400NE
MC7410VU400NE
400 MHz
1.5V±50mV
0 to
105
1.8/2.5 V
Reduced core voltage to achieve lower power
consumption. Removes 3.3V OVdd support. For
all AC/DC specifications not mentioned in this
document, please refer to the
MPC7410(RX/HX/VS)400LE and
MC7410VU400LE specifications in the general
MPC7410 Hardware Specifications.
450 MHz
1.8V
±100mV
0 to
105
1.8/2.5/3.3 V
The MPC7410(RX/HX/VS)400NE and
MC7410VU400NE also fully conform to the
MPC7410(RX/HX/VS)450LE and
MC7410VU450LE specifications, respectively.
Refer to the general
MPC7410 Hardware
Specifications.
MPC7410RX450NE
MPC7410HX450NE
MPC7410VS450NE
MC7410VU450NE
450 MHz
1.5V±50mV
0 to
105
1.8/2.5 V
Reduced core voltage to achieve lower power
consumption. Removes 3.3V OVdd support. For
all AC/DC specifications not mentioned in this
document, please refer to the
MPC7410(RX/HX/VS)450LE and
MC7410VU450LE specifications in the general
MPC7410 Hardware Specifications.
500 MHz
1.8V
±100mV
0 to
105
1.8/2.5/3.3 V
The MPC7410(RX/HX/VS)450NE and
MC7410VU400NE also fully conform to the
MPC7410(RX/HX/VS)500LE and
MC7410VU500LE specifications, respectively.
Refer to the general
MPC7410 Hardware
Specifications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com