Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE22R2ACMR Datasheet(PDF) 3 Page - Schneider Electric

Part # RE22R2ACMR
Description  Harmony, Modular timing relay, 8 A, 2 CO, 0.05 s??00 h, on delay and off delay, 24...240 V AC/DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RE22R2ACMR Datasheet(HTML) 3 Page - Schneider Electric

  RE22R2ACMR Datasheet HTML 1Page - Schneider Electric RE22R2ACMR Datasheet HTML 2Page - Schneider Electric RE22R2ACMR Datasheet HTML 3Page - Schneider Electric RE22R2ACMR Datasheet HTML 4Page - Schneider Electric RE22R2ACMR Datasheet HTML 5Page - Schneider Electric RE22R2ACMR Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Vibration resistance
20 m/s² 10…150 Hz)IEC 60068-2-6
Shock resistance
15 gn not operating 11 ms IEC 60068-2-27
5 gn in operation 11 ms IEC 60068-2-27
Relative humidity
95 % 77…131 °F (25…55 °C)
Electromagnetic compatibility
Fast transients immunity test 1 kV capacitive connecting clip)level 3 IEC 61000-4-4
Surge immunity test - test level: 1 kV level 3 (differential mode) conforming to IEC 61000-4-5
Surge immunity test - test level: 2 kV level 3 (common mode) conforming to IEC 61000-4-5
Electrostatic discharge 6 kV contact discharge)level 3 IEC 61000-4-2
Electrostatic discharge 8 kV air discharge)level 3 IEC 61000-4-2
Radiated radio-frequency electromagnetic field immunity test 10 V/m 80 MHz...1 GHz)level 3 IEC
61000-4-3
Conducted RF disturbances 10 V 0.15...80 MHz)level 3 IEC 61000-4-6
Fast transient bursts 2 kV direct contact)level 3 IEC 61000-4-4
Immunity to microbreaks and voltage drops 30 % 500 ms) IEC 61000-4-11
Immunity to microbreaks and voltage drops 100 % 20 ms) IEC 61000-4-11
Ordering and shipping details
Category
22376 - RELAYS-MEASUREMENT(RM4)
Discount Schedule
CP2
GTIN
03606480792519
Nbr. of units in pkg.
1
Package weight(Lbs)
3.81 oz (108 g)
Returnability
No
Country of origin
ID
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
3.23 in (8.2 cm)
Package 1 width
3.74 in (9.5 cm)
Package 1 Length
1.02 in (2.6 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which
is known to the State of California to cause cancer and birth defects or other reproductive harm. For
more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com