Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61531FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61531FP
Description  6ch Electronic Volume with 10 Input Selectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61531FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61531FP Datasheet HTML 9Page - Renesas Technology Corp M61531FP Datasheet HTML 10Page - Renesas Technology Corp M61531FP Datasheet HTML 11Page - Renesas Technology Corp M61531FP Datasheet HTML 12Page - Renesas Technology Corp M61531FP Datasheet HTML 13Page - Renesas Technology Corp M61531FP Datasheet HTML 14Page - Renesas Technology Corp M61531FP Datasheet HTML 15Page - Renesas Technology Corp M61531FP Datasheet HTML 16Page - Renesas Technology Corp M61531FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
M61531FP
Preliminary
Rev.1.1, Jun.01.2004, page 13 of 19
Application Block Diagram
<TONE CONTROL>
ToneBlock Position is s
electable.
[1]Before VOL setting
(D11d=1,D12d=0)
Tone
Bass&Treble
Input
Selector
Multi Selector
Input
Gain
Control
Output
Gain
Control
Volume
Balance Output
(for ADC)
Input ATT
(for ADC)
Loudness Tap
Tone
Input
ATT
Multi Input PIN
[2]Af ter VOL setting
(D11d=1,D12d=1)
REC Output
•Rg=47k (Incase of when more than3ch is used at the same time.)
•Rg=10k
Ω
Ω (Incase of when less than 2chis used at the same time.)
Tone
Bass&Treble
Input
Selector
Multi Selector
Input
Gain
Control
Output
Gain
Control
Volume
Balance Output
(for ADC)
Input ATT
(for ADC)
Loudness Tap
Tone
Input
ATT
Multi Input PIN
REC Output
•Rg=47kΩ (Incase of when more than3ch is used at the same time.)
•Rg=10kΩ (Incase of when less than 2chis used at the same time.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com