Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-OUT/MBK/S Datasheet(PDF) 3 Page - Microchip Technology

Part # PD-OUT/MBK/S
Description  4 1 Outdoor Switch, 60W Per Port, Managed PoE, AC Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-OUT/MBK/S Datasheet(HTML) 3 Page - Microchip Technology

  PD-OUT/MBK/S Datasheet HTML 1Page - Microchip Technology PD-OUT/MBK/S Datasheet HTML 2Page - Microchip Technology PD-OUT/MBK/S Datasheet HTML 3Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The Microchip name and logo and the Microchip logo are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. All other trademarks mentioned herein are property of their respective
companies.
© 2020, Microchip Technology Incorporated. All Rights Reserved. 11/20
DS00003529C
www.microchip.com
Management Capabilities
Feature
Description
System network
management
capabilities
Web interface—used to view unit PoE and Network status, unit configuration, and unit production
information.
SNMP v2/v3—used to monitor unit over the network (MIB-II RFC1213) and monitor/configure unit PoE
capabilities (RFC3621).
Telnet—used to view unit PoE and Network status, unit configuration, and production information.
Software update, Enable/Disable PoE functionality, ping remote network device for connectivity test.
SNMP traps—used to report various PoE events as PoE PD insertion/removal.
SysLog—used to report PoE events, invalid remote user access, initial DHCPv4/v6 address, and so on.
Ethernet switch
network capabilities
10/100/1000 Mbps half-duplex/full-duplex Ethernet speed.
8K internal MAC address lookup engine.
Auto MDIX.
Jumbo frames.
PoE capabilities
IEEE 802.3at—delivers up to 60 Watts per port—view and statues.
PoE enable/disable—enable/disable PoE port power output (Ethernet data is always enabled).
Weekly schedule—automatic activation/deactivation of PoE ports based on time of day.
Remote device reset—turning temporary device power off and back on resets attached PD device..
Configuration
options
Web-based—configured using a web browser.
SNMPv1/2c/3—configured using an SNMP management application on a remote computer.
Telnet—configured using a Telnet application on a remote computer.
Security and user
authentication
Web, Telnet, SNMPv2 and SNMPv3. VLAN, RADIUS, and TACACS.
4 + 1 PoE Outdoor Switch
Related Product
Part Number
Name
Description
PD-OUT/MBK/S
OUT/MBK/S
Mounting brackets for outdoor unit
Ordering Information
Part Number
Name
Description
PDS-104GO/AC/M-CC
PDS-104GO
4 + 1 PoE outdoor switch



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com