Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDS-104GO/AC/M-CC Datasheet(PDF) 2 Page - Microchip Technology

Part # PDS-104GO/AC/M-CC
Description  4 1 Outdoor Switch, 60W Per Port, Managed PoE, AC Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PDS-104GO/AC/M-CC Datasheet(HTML) 2 Page - Microchip Technology

  PDS-104GO/AC/M-CC Datasheet HTML 1Page - Microchip Technology PDS-104GO/AC/M-CC Datasheet HTML 2Page - Microchip Technology PDS-104GO/AC/M-CC Datasheet HTML 3Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.microchip.com
Specifications
Feature
Description
Number of ports
5
Data rates
SFP: 1000 mbps modules Copper: 10/100/1000 mbps
Power over Ethernet output
Pin Assignment and Polarity:
Ports 1 and 2: 1/2, 3/6, 4/5, and 7/8 Ports 3 and 4: 1/2 and 3/6
User port power
60 W per port, 150 W total
Input power requirements
Input voltage: 100 VAC–240 VAC Input current: 2.5 A
Dimensions
240 mm × 166 mm × 72 mm
8.42 in × 5.90 in × 2.75 in
Weight
2.9 kg
Indicators
No LED indicators
Connectors
Shielded RJ-45, EIA 568A, and 568B
SFP Cage
Environmental conditions
Operating ambient temperature: –40 ºF to 122 ºF (–40 ºC to 50 ºC) for 150 W
Operating humidity: maximum 90%, non-condensing
Storage temperature: –40 ºF to 185 ºF (–40 ºC to 85 ºC)
Storage humidity: maximum 95%, non-condensing
Operating altitude: Up to 6,560 feet (2000 m)
Weather rating: IP66, NEMA 4X
Reliability
MTBF: 200,000 hours at 25 ºC
Thermal rating
41 BTU/Hr (at 240 VAC)
Warranty
3 years
Regulatory compliance
IEEE 802.3at (PoE), RoHS-compliant, WEEE-compliant, CE
Electromagnetic emission
and immunity
FCC Part 15, Class B
EN 55032 Class B
EN 55024, EN61000-4-5 Class 5 (6 kV CM)
EN 61000-3-2
EN 61000-3-3
VCCI
Surge protection
GR-1089-CORE Issue 4
ITU-T K.20 6 kV on AC lines
Safety approvals
UL 60950-1, EN 60950-1, IEC 60950-1
UL 60950-22, EN 60950-22, IEC 60950-22
UL 62368-1, EN 62368-1, IEC 62368-1
Other standards and
approvals
Dust and water intrusion: IEC60529, Level IP66; NEMA 250



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com