Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSML-A101-R8WJ1 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HSML-A101-R8WJ1
Description  Surface Mount LED Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSML-A101-R8WJ1 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HSML-A101-R8WJ1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 13Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Intensity Bin Select (X5X6)
Individual reel will contain parts from
one half bin only.
X5
Min Iv Bin
X6
0
Full Distribution
3
3 half bins starting from X51
4
4 half bins starting from X51
5
5 half bins starting from X51
7
3 half bins starting from X52
8
4 half bins starting from X52
9
5 half bins starting from X52
Intensity Bin Limits
Bin ID
Min. (mcd)
Max. (mcd)
G1
1.80
2.24
G2
2.24
2.80
H1
2.80
3.55
H2
3.55
4.50
J1
4.50
5.60
J2
5.60
7.20
K1
7.20
9.00
K2
9.00
11.20
L1
11.20
14.00
L2
14.00
18.00
M1
18.00
22.40
M2
22.40
28.50
N1
28.50
35.50
N2
35.50
45.00
P1
45.00
56.00
P2
56.00
71.50
Q1
71.50
90.00
Q2
90.00
112.50
R1
112.50
140.00
R2
140.00
180.00
S1
180.00
224.00
S2
224.00
285.00
T1
285.00
355.00
T2
355.00
450.00
U1
450.00
560.00
U2
560.00
715.00
V1
715.00
900.00
V2
900.00
1125.00
Tolerance of each bin limit =
± 12%.
Color Bin Select (X7)
Individual reel will contain parts from
one full bin only.
X7
0
Full Distribution
Z
A and B only
Y
B and C only
W
C and D only
V
D and E only
U
E and F only
T
F and G only
S
G and H only
Q
A, B, and C only
P
B, C, and D only
N
C, D, and E only
M
D, E, and F only
L
E, F, and G only
K
F, G, and H only
1
A, B, C, and D only
2
E, F, G, and H only
3
B, C, D, and E only
4
C, D, E, and F only
5
A, B, C, D, and E only
6
B, C, D, E, and F only
Color Bin Limits
Blue
Min. (nm)
Max. (nm)
A
460.0
465.0
B
465.0
470.0
C
470.0
475.0
D
475.0
480.0
Green
Min. (nm)
Max. (nm)
A
515.0
520.0
B
520.0
525.0
C
525.0
530.0
D
530.0
535.0
Cyan
Min. (nm)
Max. (nm)
A
490.0
495.0
B
495.0
500.0
C
500.0
505.0
D
505.0
510.0
Color Bin Limits
Emerald
Green
Min. (nm)
Max. (nm)
A
552.5
555.5
B
555.5
558.5
C
558.5
561.5
D
561.5
564.5
Orange
Min. (nm)
Max. (nm)
A
597.0
600.0
B
600.0
603.0
C
603.0
606.0
D
606.0
609.0
E
609.0
612.0
Red Orange Min. (nm)
Max. (nm)
A
611.0
616.0
B
616.0
620.0
Red
Min. (nm)
Max. (nm)
Full Distribution
Tolerance of each bin limit =
± 1 nm.
Amber
Min. (nm)
Max. (nm)
A
582.0
584.5
B
584.5
587.0
C
587.0
589.5
D
589.5
592.0
E
592.0
594.5
F
594.5
597.0
Yellow
Green
Min. (nm)
Max. (nm)
E
564.5
567.5
F
567.5
570.5
G
570.5
573.5
H
573.5
576.5
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com