Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBT100-R100-2EP-IO-L Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OBT100-R100-2EP-IO-L
Description  Triangulation sensor with background suppression
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBT100-R100-2EP-IO-L Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OBT100-R100-2EP-IO-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBT100-R100-2EP-IO-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBT100-R100-2EP-IO-L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBT100-R100-2EP-IO-L Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBT100-R100-2EP-IO-L Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Triangulation sensor with background suppression
OBT100-R100-2EP-IO-L
4
To unlock the adjustment functions turn the sensing range /sensitivity adjuster for more than 180 degrees.
1 - Light-on / dark-on changeover switch
2 - Sensing range / sensitivity adjuster
3 - Operating indicator / dark on
4 - Signal indicator
5 - Operating indicator / light on
X
Adjusted detection distance X [mm]
Deviation of measured detection distance X [%]
Difference in detection distance
black / white
grey / white
45
35
25
15
5
0
0
50
100
150
200
250
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
0
20
40
60
80
100
X
Distance in mm
Diameter in mm
Light spot diameter
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
20
30
40
50
60
70
80
90
100
in white
in%
Black-White-Ratio / Grey- White Ratio
black 6 % / grey 18 %
grey 18% / white 90 %
Functions and Operation
R100
2
5
1
3
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com