Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3102-R Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PIP3102-R
Description  LOGIC LEVEL TOPFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3102-R Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PIP3102-R Datasheet HTML 5Page - NXP Semiconductors PIP3102-R Datasheet HTML 6Page - NXP Semiconductors PIP3102-R Datasheet HTML 7Page - NXP Semiconductors PIP3102-R Datasheet HTML 8Page - NXP Semiconductors PIP3102-R Datasheet HTML 9Page - NXP Semiconductors PIP3102-R Datasheet HTML 10Page - NXP Semiconductors PIP3102-R Datasheet HTML 11Page - NXP Semiconductors PIP3102-R Datasheet HTML 12Page - NXP Semiconductors PIP3102-R Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Philips Semiconductors
Product Specification
Logic level TOPFET
PIP3102-R
Fig.32. Typical overload current, V
DS = 5 V.
I
D = f(Tj); conditions: VIS = 5 V; VPS = 4 V; tp = 300 µs
Fig.33. Typical reverse diode current, T
j = 25 ˚C.
I
S = f(VSDS); conditions: VIS = 0 V; tp = 300 µs
Fig.34. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VIS = 0 V; f = 1 MHz
Fig.35. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
0
10
20
30
40
50
60
70
80
-50
0
50
100
150
Tj /
OC
ID / A
max.
typ.
min.
10
100
1000
10000
0
1020304050
VDS / V
Capacitance / pF
Ciss
Coss
Crss
0
5
10
15
0
0.5
1
VSD / V
IS / A
1E-03
1E-02
1E-01
1E+00
1E+01
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00 1E+01
t / s
0
0.02
0.05
0.1
0.2
0.5
PD
T
tp
D = tp
T
Zth / ( K / W )
October 2002
11
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com