Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17062 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17062
Description  1.2MHz Switching Frequency (Selectable: 640kHz or 1.2MHz)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17062 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17062 Datasheet HTML 1Page - Maxim Integrated Products MAX17062 Datasheet HTML 2Page - Maxim Integrated Products MAX17062 Datasheet HTML 3Page - Maxim Integrated Products MAX17062 Datasheet HTML 4Page - Maxim Integrated Products MAX17062 Datasheet HTML 5Page - Maxim Integrated Products MAX17062 Datasheet HTML 6Page - Maxim Integrated Products MAX17062 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Positive Charge-Pump
Configuration
As configured, the single-stage positive charge pump
generates approximately double the VOUT output voltage
at VGON. The charge pump can be reconfigured as a
two-stage positive charge pump, providing triple the
VOUT output voltage at VGON. This is accomplished by
installing capacitors C13, C16, diode D3, and removing
resistor R7. See Table 3 for suggested component values.
MAX17062 Evaluation Kit
4
_______________________________________________________________________________________
Table 3. Two-Stage Charge-Pump
Components
DESIGNATION
QTY
DESCRIPTION
C13, C16
2
0.1µF ±10%, 50V X7R ceramic
capacitors (0603)
D3
1
250mA, 90V dual ultra-fast diode
(SOT23)
R7
0
Not installed, resistor



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com