Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM2324AC Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM2324AC
Description  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2324AC Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM2324AC Datasheet HTML 1Page - Anpec Electronics Coropration APM2324AC Datasheet HTML 2Page - Anpec Electronics Coropration APM2324AC Datasheet HTML 3Page - Anpec Electronics Coropration APM2324AC Datasheet HTML 4Page - Anpec Electronics Coropration APM2324AC Datasheet HTML 5Page - Anpec Electronics Coropration APM2324AC Datasheet HTML 6Page - Anpec Electronics Coropration APM2324AC Datasheet HTML 7Page - Anpec Electronics Coropration APM2324AC Datasheet HTML 8Page - Anpec Electronics Coropration APM2324AC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.3 - Sep., 2005
www.anpec.com.tw
2
APM2324A
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
20
VGSS
Gate-Source Voltage
±10
V
ID*
Continuous Drain Current
3
IDM*
Pulsed Drain Current
VGS=4.5V
10
A
IS*
Diode Continuous Forward Current
1
A
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
TA=25°C
0.83
PD*
Maximum Power Dissipation
TA=100°C
0.3
W
RθJA*
Thermal Resistance-Junction to Ambient
150
°C/W
APM2324A
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250µA
20
V
IDSS
Zero Gate Voltage Drain Current
VDS=16V, VGS=0V
1
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250µA
0.5
0.7
1
V
IGSS
Gate Leakage Current
VGS=±10V, VDS=0V
±100
nA
VGS=4.5V, IDS=3A
50
70
RDS(ON)
a
Drain-Source On-state Resistance
VGS=2.5V, IDS=2A
90
110
m
Ω
VSD
a
Diode Forward Voltage
ISD=0.5A, VGS=0V
0.7
1.3
V
Gate Charge Characteristics
b
Qg
Total Gate Charge
5
6.5
Qgs
Gate-Source Charge
0.7
Qgd
Gate-Drain Charge
VDS=10V, VGS=4.5V,
IDS=3A
0.7
nC
Note:
*Surface Mounted on 1in2 pad area, t
≤ 10sec.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com