Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010YAST Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12010YAST
Description  15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010YAST Datasheet(HTML) 2 Page - Texas Instruments

  PTH12010YAST Datasheet HTML 1Page - Texas Instruments PTH12010YAST Datasheet HTML 2Page - Texas Instruments PTH12010YAST Datasheet HTML 3Page - Texas Instruments PTH12010YAST Datasheet HTML 4Page - Texas Instruments PTH12010YAST Datasheet HTML 5Page - Texas Instruments PTH12010YAST Datasheet HTML 6Page - Texas Instruments PTH12010YAST Datasheet HTML 7Page - Texas Instruments PTH12010YAST Datasheet HTML 8Page - Texas Instruments PTH12010YAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
PTH03010Y
PTH05010Y
PTH12010Y
SLTS223A–MARCH 2004–REVISED OCTOBER 2005
ORDERING INFORMATION
PTHXX010Y (Base Part Number)
Input Voltage
Part Number (1)
DESCRIPTION
Pb – free and
Mechanical Package
RoHS
(2)
PTH03010YAH
Horizontal T/H
Yes (3)
EUH
3.3 V
PTH03010YAS
Standard SMD
No (4)
EUJ
PTH03010YAZ
Optional SMD
Yes (3)
EUJ
PTH05010YAH
Horizontal T/H
Yes (3)
EUH
5 V
PTH05010YAS
Standard SMD
No (4)
EUJ
PTH05010YAZ
Optional SMD
Yes (3)
EUJ
PTH12010YAH
Horizontal T/H
Yes (3)
EUH
12 V
PTH12010YAS
Standard SMD
No (4)
EUJ
PTH12010YAZ
Optional SMD
Yes (3)
EUJ
(1) Add T to end of part number for tape and reel on SMD packages only.
(2) Reference the applicable package reference drawing for the dimensions and PC board layout.
(3) Lead (Pb) –free option specifies Sn/Ag pin solder material.
(4) Standard option specifies 63/37, Sn/Pb pin solder material.
voltages are with respect to GND
UNIT
VREF
Control input voltage
–0.3 V to Vin+03 V
TA
Operating temperature
Over VIN range
–40°Cto85°C(1)
range
Twave
Wave solder temperature
Surface temperature of module body or pins
PTHXX010YAH
260°C (2)
(5 seconds)
PTHXX010YAS
235°C (2)
Treflow
Solder reflow temperature
Surface temperature of module body or pins
PTHXX010YAZ
260°C (2)
Ts
Storage temperature
–40°C to 125°C
Mechanical shock
Per Mil-STD-883D, Method 2002.3 1 msec, 1/2 Sine, mounted
500 G
Mechanical vibration
Mil-STD-883D, Method 2007.2 20-2000 Hz
20 G
Weight
3.7 grams
Flammability
Meets UL 94V-O
(1) For operation below 0°C the external capacitors must bave stable characteristics, use either a low ESR tantalum, Os-Con, or ceramic
capacitor.
(2) During soldering of package version, do not elevate peak temperature of the module, pins or internal components above the stated
maximum.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com