Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF2EB-5V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # NF2EB-5V
Description  FLATPACK RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

NF2EB-5V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  NF2EB-5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) NF2EB-5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) NF2EB-5V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
198
NF-RELAYS
FLATPACK RELAY
CSA
pending
mm inch
10.8
.425
20.0
.787
30.2
1.189
FEATURES
1. Flatpack
2. Long seller
SPECIFICATIONS
Contacts
1].
MBB types available: 2MBB & 4MBB
(See next page for contact positions.)
Coil
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section
*2 Detection current: 10 mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms; detection time: 10µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10µs
*7 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61).
Characteristics (at 25°C 77°F, 50% R.H. seal level)
Arrangement1]
2 Form C, 4 Form C
Initial contact resistance
(By voltage drop 6 V DC 1 A)
Max.
50 mOhm
Typical
25 mOhm
Contact material
Movable contact
Gold-clad silver
Stationary contact
Gold-clad silver
Rating,
(resistive load)
Max. switching power
60 W 100 VA
Max. switching voltage
220 V AC, DC
Max. switching current
2 A
Expected life
(min. operations)
Mechanical
108
Electrical
(Resistive)
2 A 30 V DC
2 x 105
1 A 30 V DC
106
0.5 A 30 V DC
107
Nominal operating power, at 25
∞C
2C
Approx. 300 mW
4C
Approx. 480 mW
Max. operating power for continuous duty
Approx. 1 W
at 40°C 104°F
Max. operating speed
50 cps
Initial insulation resistance*1
1,000 MOhm at 500 V DC
Electrostatic
capacitance
Contact/Contact
Approx. 4 pF
Contact/Coil
Approx. 7 pF
Contact/Ground
Approx. 6 pF
Initial
breakdown
voltage*2
Between open contacts
750 Vrms
Between contact sets
1,000 Vrms
Between live parts and ground
1,000 Vrms
Between contacts and coil
1,000 Vrms
Operate time*3 (at nominal voltage)
Max. 15 ms (Approx. 10 ms)
Release time (without diode)*3
(at nominal voltage)
Max. 10 ms (Approx. 3 ms)
Contact bounce
Approx. 1.5 ms
Shock
resistance
Functional*4
In de-energized
condition
Min. 29.4 m/s2 {3 G}
(In contact direction)
Min. 98 m/s2 {10 G}
(perpendicular to contact)
In energized
condition
Min. 196 m/s2 {20 G}
Destructive*5
Min. 980 m/s2 {100 G}
Vibration
resistance
Functional*6
In de-energized
condition
29.4 m/s2 {3 G}, 10 to 55 Hz
at double amplitude of 0.5 mm
(in contact direction)
98 m/s2 {10 G}10 to 55 Hz
at double amplitude of 1.6 mm
(perpendicular to contact)
In energized
condition
117.6 m/s2 {12 G}10 to 55 Hz
at double amplitude of 2 mm
Destructive
196 m/s2 {20 G}, 10 to 55 Hz
at double amplitude of 3.3 mm
Conditions for operation,
transport and storage*7
(Not freezing and condens-
ing at low temperature)
Ambient temp.
–40°C to + 65°C
–40°F to +149°F
Humidity
5 to 85%R.H.
Unit weight
2C
Approx. 14 g .49 oz
4C
Approx. 15.5 g .55 oz
TYPICAL APPLICATIONS
NF relays are widely acceptable in appli-
cations where small size and high sensi-
tivity are required.
Such applications include: Electronic
equipment, Household applications,
Alarm systems, Office machines, Com-
munication equipment, Measuring equip-
ment, Remote control systems, General
control circuits, Machine tools, Industrial
machinery, etc.


Similar Part No. - NF2EB-5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NF2EB-5V PANASONIC-NF2EB-5V Datasheet
204Kb / 3P
FLATPACK RELAY
NF2EB-5V-1 PANASONIC-NF2EB-5V-1 Datasheet
204Kb / 3P
FLATPACK RELAY
More results

Similar Description - NF2EB-5V

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PIC-MSM-324 PIC-PIC-MSM-324 Datasheet
21Kb / 1P
Flatpack Magnet
PIC-MSM-328 PIC-PIC-MSM-328 Datasheet
21Kb / 1P
Flatpack Magnet
PIC-MSM-332 PIC-PIC-MSM-332 Datasheet
58Kb / 1P
Flatpack Magnet
logo
DB Lectro Inc
MS-332-3 DBLECTRO-MS-332-3 Datasheet
32Kb / 2P
Standard Reed Sensor ??Flatpack
logo
Panasonic Semiconductor
NF2EB-12V PANASONIC-NF2EB-12V Datasheet
204Kb / 3P
FLATPACK RELAY
logo
M/A-COM Technology Solu...
HH-128-PIN MA-COM-HH-128-PIN Datasheet
63Kb / 2P
Flatpack Hybrid Junction
logo
Panasonic Semiconductor
NF4EB-12V-A PANASONIC-NF4EB-12V-A Datasheet
204Kb / 3P
FLATPACK RELAY
logo
PIC GmbH
MSM-324 PIC-MSM-324 Datasheet
68Kb / 1P
Flatpack Magnet
MSM-328 PIC-MSM-328 Datasheet
71Kb / 1P
Flatpack Magnet
MSM-332 PIC-MSM-332 Datasheet
63Kb / 1P
Flatpack Magnet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com