Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9NK90Z Datasheet(PDF) 5 Page - STMicroelectronics

Part # P9NK90Z
Description  N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P9NK90Z Datasheet(HTML) 5 Page - STMicroelectronics

  P9NK90Z Datasheet HTML 1Page - STMicroelectronics P9NK90Z Datasheet HTML 2Page - STMicroelectronics P9NK90Z Datasheet HTML 3Page - STMicroelectronics P9NK90Z Datasheet HTML 4Page - STMicroelectronics P9NK90Z Datasheet HTML 5Page - STMicroelectronics P9NK90Z Datasheet HTML 6Page - STMicroelectronics P9NK90Z Datasheet HTML 7Page - STMicroelectronics P9NK90Z Datasheet HTML 8Page - STMicroelectronics P9NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
Electrical characteristics
5/16
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise Time
VDD=450 V, ID=4A,
RG=4.7Ω, VGS=10V
(see Figure 20)
22
13
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD=450 V, ID=4A,
RG=4.7Ω, VGS=10V
(see Figure 20)
55
28
ns
ns
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
VDD=720 V, ID=8A,
RG=4.7Ω, VGS=10V
(see Figure 20)
53
11
22
ns
ns
ns
Table 7.
Gate-source zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BVGSO
(1)
1.
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Gate-Source Breakdown
Voltage
Igs=±1mA
(Open Drain)
30
V
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
Source-drain current
8
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
32
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD=8A, VGS=0
1.6
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=8A,
di/dt = 100A/µs,
VDD=50V, Tj=150°C
950
10
21
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com