Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6R-101RF Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A6R-101RF
Description  Low-cost Rotary DIP Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6R-101RF Datasheet(HTML) 2 Page - Omron Electronics LLC

  A6R-101RF Datasheet HTML 1Page - Omron Electronics LLC A6R-101RF Datasheet HTML 2Page - Omron Electronics LLC A6R-101RF Datasheet HTML 3Page - Omron Electronics LLC A6R-101RF Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
19
A6R/A6RV
A6R/A6RV
Dimensions
Note:
1. All units are in millimeters unless otherwise indicated.
2. A tolerance of
±0.4 mm applies to the above dimensions unless otherwise specified.
Top-actuated Flat Models with 4
´1 Terminal
Arrangement
A6R-101RF
A6R-161RF
Top-actuated Extended-shaft Models with 4
´1
Terminal Arrangement
A6R-101RS
A6R-161RS
Top-actuated Flat Models with 3
´3 Terminal
Arrangement
A6R-102RF
A6R-162RF
Top-actuated Extended-shaft Models with 3
´3
Terminal Arrangement
A6R-102RS
A6R-162RS
789A
4 5 6
1
9.8
2.9
9.9
7.62
±0.5
0.25
4.5
3.5
0.55
2.54
3.25
A6R-101RF
A6R-161RF
789A
4 5 6
1
9.8
9.9
7.62
±0.5
0.25
4.5
3.5
0.55
2.54
3.25
A6R-101RS
A6R-161RS
1.2
7.3
4 dia.
789A
4 5 6
1
9.8
2.9
9.9
4.5
3.5
0.55
2.54
7.62
±0.5
0.25
3.25
A6R-102RF
A6R-162RF
789A
4 5 6
1
9.8
9.9
7.62
±0.5
0.25
4.5
3.5
3.25
A6R-102RS
A6R-162RS
1.2
7.3
4 dia.
0.55
2.54



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com