Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLL400IP-3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FLL400IP-3
Description  L-Band Medium & High Power GaAs FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FLL400IP-3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FLL400IP-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers FLL400IP-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers FLL400IP-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers FLL400IP-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FLL400IP-3
L-Band Medium & High Power GaAs FET
VDS = 12V
IDS = 2A
f = 2.5GHz
VDS = 12V
IDS = 2A
24
26
28
30
32
34
36
38
34
35
36
37
38
39
40
41
42
43
45
46
10
0
20
30
40
50
44
35
36
37
38
39
40
41
43
44
45
46
47
42
Input Power (dBm)
Pout
OUTPUT POWER &
ηadd vs. INPUT POWER
2.4
2.5
2.6
Frequency (GHz)
ηadd
Pin=36dBm
34dBm
32dBm
30dBm
25dBm
28dBm
OUTPUT POWER vs. FREQUENCY
-60
-50
-40
-30
-20
29
31
33
35
37
39
41
43
Total Output Power (dBm)
VDS = 10V
IDS = 5A
f = 2.5GHz
∆f = +5MHz
IMD vs.OUTPUT POWER
IM5
IM3
Total Output Power (dBm)
VDS = 12V
IDS = 2A
f = 2.5GHz
∆f = +5.0MHz
IMD vs. OUTPUT POWER
IM5
IM3
-60
-50
-40
-30
-20
29
31
33
35
37
39
41
43
POWER DERATING CURVE
40
80
100
120
60
20
0
50
100
150
200
Case Temperature (
°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com