Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMD10M-R2000-B23-V1V1D Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OMD10M-R2000-B23-V1V1D
Description  2-D LiDAR Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OMD10M-R2000-B23-V1V1D Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OMD10M-R2000-B23-V1V1D Datasheet HTML 1Page - Pepperl+Fuchs Inc. OMD10M-R2000-B23-V1V1D Datasheet HTML 2Page - Pepperl+Fuchs Inc. OMD10M-R2000-B23-V1V1D Datasheet HTML 3Page - Pepperl+Fuchs Inc. OMD10M-R2000-B23-V1V1D Datasheet HTML 4Page - Pepperl+Fuchs Inc. OMD10M-R2000-B23-V1V1D Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dimensions
Emitter range and receiver range
42
83.5
1
M5
ø 4
20
20
70
106
3 x M5
36.7
Technical Data
General specifications
Measurement range
0.3 ... 3 m (bk 10%)
0.2 to 10 m (wh 90%)
0.2 to 60 m (reflector)
Light source
laser diode
Light type
modulated visible red light
Laser nominal ratings
Note
LASER LIGHT , DO NOT STARE INTO BEAM
Laser class
1
Wave length
660 nm
Beam divergence
1 mrad
Pulse length
5 ns
Repetition rate
250 kHz
max. pulse energy
< 4 nJ
Measuring method
Pulse Ranging Technology (PRT)
Scan rate
10 ... 50 s-1
Scanning angle
360°
Diameter of the light spot
< 20 mm at 10 m
Filter
Maximum, average, median, reflectivity
Ambient light limit
80000 Lux
Resolution
1 mm
Functional safety related parameters
MTTFd
75 a
2-D LiDAR Sensor
OMD10M-R2000-B23-V1V1D
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com