Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17543EVKITB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17543EVKITB
Description  5V Output-Voltage Application
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543EVKITB Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17543EVKITB Datasheet HTML 1Page - Maxim Integrated Products MAX17543EVKITB Datasheet HTML 2Page - Maxim Integrated Products MAX17543EVKITB Datasheet HTML 3Page - Maxim Integrated Products MAX17543EVKITB Datasheet HTML 4Page - Maxim Integrated Products MAX17543EVKITB Datasheet HTML 5Page - Maxim Integrated Products MAX17543EVKITB Datasheet HTML 6Page - Maxim Integrated Products MAX17543EVKITB Datasheet HTML 7Page - Maxim Integrated Products MAX17543EVKITB Datasheet HTML 8Page - Maxim Integrated Products MAX17543EVKITB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MaximIntegrated│ 4
Evaluates: MAX17543 in
5V Output-Voltage Application
MAX17543 5V Output Evaluation Kit
www.maximintegrated.com
Figure 1. MAX17543 5V Output Load and Line Regulation
(PWM Mode)
Figure 2. MAX17543 5V Output Efficiency (PWM Mode)
Figure 3. MAX17543 5V Output Load and Line Regulation
(PFM Mode)
Figure 4. MAX17543 5V Output Efficiency (PFM Mode)
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
0
500
1000
1500
2000
2500
LOAD CURRENT (mA)
5V OUTPUT, PWM MODE,
FIGURE 3 CIRCUIT,
LOAD AND LINE REGULATION
VIN = 36V
VIN = 24V
VIN = 12V
figure1
MODE = SGND
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
LOAD CURRENT (mA)
5V OUTPUT, PWM MODE,
FIGURE 3 CIRCUIT,
EFFICIENCY VS. LOAD CURRENT
VIN = 36V
VIN = 24V
VIN = 12V
MODE = SGND
figure2
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
0
500
1000
1500
2000
2500
LOAD CURRENT (mA)
5V OUTPUT, PFM MODE,
FIGURE 3 CIRCUIT,
LOAD AND LINE REGULATION
VIN = 36V
VIN = 24V
VIN = 12V
figure3
MODE = OPEN
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD CURRENT (mA)
5V OUTPUT, PFM MODE,
FIGURE 3 CIRCUIT,
EFFICIENCY VS. LOAD CURRENT
VIN = 36V
VIN = 24V
VIN = 12V
MODE = OPEN
2500
figure4
EV Kit Test Report



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com