Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9900-R257 Datasheet(PDF) 1 Page - Beckhoff Automation GmbH & Co. KG

Part # C9900-R257
Description  Multi-touch built-in Panel PC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

C9900-R257 Datasheet(HTML) 1 Page - Beckhoff Automation GmbH & Co. KG

  C9900-R257 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG C9900-R257 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG C9900-R257 Datasheet HTML 3Page - Beckhoff Automation GmbH & Co. KG C9900-R257 Datasheet HTML 4Page - Beckhoff Automation GmbH & Co. KG C9900-R257 Datasheet HTML 5Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CP22xx-0010
https://www.beckhoff.com/cp22xx-0010
Technical changes reserved
As of 30.06.2021 | Site 1 of 5
Product status: Regular delivery (not recommended for new projects)
The CP22xx built-in Panel PC series is characterised by a modern operating concept with multi-touch display as well as an
advanced, elegant device design. It is designed for installation in the front of a control cabinet. The CP22xx combine reliable
Beckhoff Control Panel design with state-of-the-art Industrial PC technology. The right display size is available for every
application – in landscape or portrait orientation (horizontal/vertical). With their highly integrated 3½-inch motherboards,
the CP22xx built-in Industrial PCs represent a high-performance platform for machine construction and plant engineering
applications that can be used in conjunction with TwinCAT automation software under Windows 10 IoT Enterprise.
Scalable performance
CP22xx Panel PCs are equipped with Intel® Celeron®, Pentium® or Core™ i3/i5/i7 processors and have one or two hard
disks, SSDs or CFast cards or combinations thereof. With the on-board RAID controller, two same hard disks, SSDs or CFast
cards can be mirrored.
Highest data availability and data security
CP22xx are supplied with a 24 V power supply unit, optionally also with an integrated uninterruptible power supply (UPS). A
battery pack can be connected externally and installed on a DIN rail close to the PC.
Accessibility of the components
Data media, the fan and the lithium battery of the system clock are accessible from the rear under the fan cover.
CP22xx-0010 | Multi-touch built-in Panel PC


Similar Part No. - C9900-R257

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
C9900-R257 BECKHOFF-C9900-R257 Datasheet
224Kb / 5P
The fanless multi-touch built-in Panel PC
C9900-R257 BECKHOFF-C9900-R257 Datasheet
154Kb / 6P
Economy Panel PC
C9900-R257 BECKHOFF-C9900-R257 Datasheet
154Kb / 5P
Multi-touch Panel PC
More results

Similar Description - C9900-R257

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
CP22XX-0020 BECKHOFF-CP22XX-0020 Datasheet
192Kb / 4P
Multi-touch built-in Panel PC
CP22XX-0030 BECKHOFF-CP22XX-0030 Datasheet
192Kb / 4P
Multi-touch built-in Panel PC
CP26XX BECKHOFF-CP26XX Datasheet
141Kb / 2P
Dual-touch built-in Panel PC
CP27XX BECKHOFF-CP27XX Datasheet
193Kb / 2P
Fanless multi-touch built-in Panel PC
CP27XX-0000 BECKHOFF-CP27XX-0000 Datasheet
216Kb / 4P
The fanless multi-touch built-in Panel PC
CP27XX-0010 BECKHOFF-CP27XX-0010 Datasheet
224Kb / 5P
The fanless multi-touch built-in Panel PC
CP27XX-0020 BECKHOFF-CP27XX-0020 Datasheet
223Kb / 5P
The fanless multi-touch built-in Panel PC
CP32XX BECKHOFF-CP32XX Datasheet
114Kb / 2P
Multi-touch Panel PC
CP32XX-0030 BECKHOFF-CP32XX-0030 Datasheet
147Kb / 5P
Multi-touch Panel PC
CP37XX-0020 BECKHOFF-CP37XX-0020 Datasheet
153Kb / 5P
Multi-touch Panel PC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com