Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9900-R270 Datasheet(PDF) 3 Page - Beckhoff Automation GmbH & Co. KG

Part # C9900-R270
Description  Multi-touch built-in Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

C9900-R270 Datasheet(HTML) 3 Page - Beckhoff Automation GmbH & Co. KG

  C9900-R270 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG C9900-R270 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG C9900-R270 Datasheet HTML 3Page - Beckhoff Automation GmbH & Co. KG C9900-R270 Datasheet HTML 4Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CP22xx-0030
https://www.beckhoff.com/cp22xx-0030
Technical changes reserved
As of 30.06.2021 | Site 3 of 4
Hard disks/flash
hard disk, 2½-inch, 320 GB
SSD, CFast
Interfaces
4 x USB 3.1, 1 x RS232, 1 x DVI
1 x USB in the front
Power supply
24 V DC
UPS
Operating system
Windows 10 IoT Enterprise, Windows
Server 2019
Ordering Information
CP22xx-0030
Multi-touchbuilt-inPanel PC
CP2212-0030
12-inch display 800 x 600, multi-finger touch screen
CP2213-0030
12.1-inch display 1280 x 800, multi-finger touch screen
CP2215-0030
15-inch display 1024 x 768, multi-finger touch screen
CP2216-0030
15.6-inch display 1366 x 768, multi-finger touch screen
CP2218-0030
18.5-inch display 1366 x 768, multi-finger touch screen
CP2219-0030
19-inch display 1280 x 1024, multi-finger touch screen
CP2221-0030
21.5-inch display 1920 x 1080, multi-finger touch screen
CP2224-0030
24-inch display 1920 x 1080, multi-finger touch screen
Options
Options
CP22xx-0030
C9900-C624
processor 8th generation Intel® Pentium® G5400, 3.7 GHz, 2 cores (TC3: 50), instead of
Intel® Celeron® G4900 3.1 GHz (TC3: 50)
C9900-C634
processor 9th generation Intel® Core™ i3-9100TE, 2.2 GHz, 4 cores (TC3: 60), instead of
Intel® Celeron® G4900 3.1 GHz (TC3: 50)
C9900-C635
processor 9th generation Intel® Core™ i5-9500TE, 2.2 GHz, 6 cores (TC3: 70), instead of
Intel® Celeron® G4900 3.1 GHz (TC3: 50)
C9900-C636
processor 9th generation Intel® Core™ i7-9700TE, 1.8 GHz, 8 cores (TC3: 80), instead of
Intel® Celeron® G4900 3.1 GHz (TC3: 50)
C9900-R270
memory extension to 8 GB DDR4 RAM, instead of 4 GB
C9900-R271
memory extension to 16 GB DDR4 RAM, instead of 4 GB
C9900-R272
memory extension to 32 GB DDR4 RAM, instead of 4 GB
C9900-R273
memory extension to 64 GB DDR4 RAM, instead of 4 GB
C9900-M575
vertical orientation of the display inside the Control Panel or Panel PC CP22xx, CP26xx,
CP29xx or CP39xx instead of standard Control Panel or standard Panel PC
C9900-E268
1-port USB socket inside the front of a CP2xxx without push-button extension, USB-A
socket IP 65
C9900-F945
stainless steel front with blue silicone seal for CP2x16-00x0 for horizontal alignment,
stainless steel 1.4404, matt ground with grain size 240, instead of standard aluminium
front



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com