Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9514ADP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9514ADP
Description  Hot swappable I2C-bus and SMBus bus buffer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9514ADP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9514ADP Datasheet HTML 5Page - NXP Semiconductors PCA9514ADP Datasheet HTML 6Page - NXP Semiconductors PCA9514ADP Datasheet HTML 7Page - NXP Semiconductors PCA9514ADP Datasheet HTML 8Page - NXP Semiconductors PCA9514ADP Datasheet HTML 9Page - NXP Semiconductors PCA9514ADP Datasheet HTML 10Page - NXP Semiconductors PCA9514ADP Datasheet HTML 11Page - NXP Semiconductors PCA9514ADP Datasheet HTML 12Page - NXP Semiconductors PCA9514ADP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
PCA9513A_PCA9514A_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 October 2005
9 of 25
Philips Semiconductors
PCA9513A; PCA9514A
Hot swappable I2C-bus and SMBus bus buffer
8.9 Hot swapping and capacitance buffering application
Figure 8 through Figure 11 illustrate the usage of the PCA9513A and PCA9514A in
applications that take advantage of both its hot swapping and capacitance buffering
features. In all of these applications, note that if the I/O cards were plugged directly into
the backplane, all of the backplane and card capacitances would add directly together,
making rise and fall time requirements difficult to meet. Placing a bus buffer on the edge of
each card, however, isolates the card capacitance from the backplane. For a given I/O
card, the PCA9513A and PCA9514A drive the capacitance of everything on the card, and
the backplane must drive only the capacitance of the bus buffer, which is less than 10 pF,
the connector, trace, and all additional cards on the backplane.
See
Application Note AN10160, ‘Hot Swap Bus Buffer’ for more information on
applications and technical assistance.
Fig 6.
Bus requirements for 3.3 V systems
Fig 7.
Bus requirements for 5 V systems
Cb (pF)
0
400
300
100
200
002aab582
10
20
30
RPU
(k
Ω)
0
recommended
pull-up
rise time > 300 ns
Rmax = 24 kΩ
Cb (pF)
0
400
300
100
200
002aab583
10
5
15
20
RPU
(k
Ω)
0
recommended
pull-up
rise time > 300 ns
Rmax = 16 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com