Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17543EVKITA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17543EVKITA
Description  3.3V Output-Voltage Application
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543EVKITA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17543EVKITA Datasheet HTML 1Page - Maxim Integrated Products MAX17543EVKITA Datasheet HTML 2Page - Maxim Integrated Products MAX17543EVKITA Datasheet HTML 3Page - Maxim Integrated Products MAX17543EVKITA Datasheet HTML 4Page - Maxim Integrated Products MAX17543EVKITA Datasheet HTML 5Page - Maxim Integrated Products MAX17543EVKITA Datasheet HTML 6Page - Maxim Integrated Products MAX17543EVKITA Datasheet HTML 7Page - Maxim Integrated Products MAX17543EVKITA Datasheet HTML 8Page - Maxim Integrated Products MAX17543EVKITA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MaximIntegrated│ 5
Evaluates: MAX17543 in
3.3V Output-Voltage Application
MAX17543 3.3V Output Evaluation Kit
www.maximintegrated.com
Figure 5. MAX17543 3.3V Output Efficiency (DCM Mode)
Figure 6. MAX17543 3.3V Output Full Load Bode Plot
(VIN = 24V)
Figure 7. MAX17543 3.3V Output, No Load to 1A Load
Transient (PWM Mode)
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD CURRENT (mA)
3.3V OUTPUT, DCM MODE,
FIGURE 4 CIRCUIT,
EFFICIENCY VS. LOAD CURRENT
VIN = 36V
VIN = 24V
VIN = 12V
MODE = VCC
figure5
3.3V OUTPUT, 2.5A LOAD
CURRENT BODE PLOT
FREQUENCY (Hz)
-30
-20
-10
0
10
20
30
40
50
60
-40
-60
-40
-20
0
20
40
60
80
100
120
-80
100k
10k
1k
CROSSOVER FREQUENCY = 62.5kHz
PHASE MARGIN = 61.2°
GAIN
PHASE
2
4 6 8 1
2
4 6 8 1
2
VOUT (AC)
50mV/div
IOUT
1A/div
40µs/div
3.3V OUTPUT, PWM MODE (LOAD CURRENT
STEPPED FROM NO-LOAD TO 1A)
MODE = SGND
EV Kit Test Report (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com