Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17536EVKITB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17536EVKITB
Description  5V Output-Voltage Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536EVKITB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17536EVKITB Datasheet HTML 1Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 2Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 3Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 4Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 5Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 6Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 7Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 8Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX17536
5V Output-Voltage Application
MAX17536EVKITB# Evaluation Kit
EV Kit Performance Report
4.92
4.93
4.94
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
0
1
2
3
4
LOAD CURRENT (A)
5V OUTPUT,PWM MODE,
LOAD AND LINE REGULATION
VIN = 36V
VIN = 48V
VIN = 24V
VIN = 12V
toc01
MODE = SGND
4.75
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
5.25
0
1000
2000
3000
4000
LOAD CURRENT (mA)
5V OUTPUT,PFM MODE,
LOAD AND LINE REGULATION
VIN = 36V
VIN = 48V
VIN = 12V
VIN = 24V
toc03
MODE = OPEN
40
50
60
70
80
90
100
0
1
2
3
4
LOAD CURRENT (A)
5V OUTPUT,PWM MODE,
EFFICIENCY vs. LOAD CURRENT
VIN = 48V
VIN = 36V
VIN = 24V
VIN = 12V
MODE = SGND
toc02
40
50
60
70
80
90
100
1
10
100
1000
10000
LOAD CURRENT (mA)
5V OUTPUT,PFM MODE,
EFFICIENCY vs. LOAD CURRENT
VIN = 48V
VIN = 36V
VIN = 24V
VIN = 12V
MODE = OPEN
toc04
30
40
50
60
70
80
90
100
1
10
100
1000
10000
LOAD CURRENT (mA)
5V OUTPUT,DCM MODE,
EFFICIENCY vs. LOADCURRENT
VIN = 48V
VIN = 36V
VIN = 24V
VIN = 12V
MODE = VCC
toc05
40μs/div
100mV/div
5V OUTPUT,PWM MODE
(LOAD CURRENT STEPPED
FROM NO LOAD TO 2A)
VOUT
(AC)
1A/div
toc06
IOUT
MODE = SGND
(Input voltage = 24V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com