Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9900-R249 Datasheet(PDF) 3 Page - Beckhoff Automation GmbH & Co. KG

Part # C9900-R249
Description  The fanless multi-touch built-in Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

C9900-R249 Datasheet(HTML) 3 Page - Beckhoff Automation GmbH & Co. KG

  C9900-R249 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG C9900-R249 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG C9900-R249 Datasheet HTML 3Page - Beckhoff Automation GmbH & Co. KG C9900-R249 Datasheet HTML 4Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CP27xx-0000
https://www.beckhoff.com/cp27xx-0000
Technical changes reserved
As of 23.06.2021 | Site 3 of 4
Operating system
Windows Embedded Compact 7, English
Windows 7, Windows Embedded Standard
7
Ordering Information
CP27xx-0000
Fanless multi-touchbuilt-inPanel PC
CP2712-0000
12-inch display 800 x 600, Display only, multi-finger touch screen
CP2715-0000
15-inch display 1024 x 768, Display only, multi-finger touch screen
CP2716-0000
15.6-inch display 1366 x 768, Display only, multi-finger touch screen
CP2718-0000
18.5-inch display 1366 x 768, Display only, multi-finger touch screen
CP2719-0000
19-inch display 1280 x 1024, Display only, multi-finger touch screen
CP2721-0000
21.5-inch display 1920 x 1080, Display only, multi-finger touch screen
CP2724-0000
24-inch display 1920 x 1080, Display only, multi-finger touch screen
Options
Options
CP27xx-0000
C9900-E268
1-port USB socket inside the front of a CP2xxx without push-button extension, USB-A
socket IP 65
C9900-F942
stainless steel front with blue silicone seal for CP2x13-00x0 for horizontal alignment,
stainless steel 1.4404, matt ground with grain size 240, instead of standard aluminium
front
C9900-F945
stainless steel front with blue silicone seal for CP2x16-00x0 for horizontal alignment,
stainless steel 1.4404, matt ground with grain size 240, instead of standard aluminium
front
C9900-F946
stainless steel front with blue silicone seal for CP2x18-00x0 for horizontal alignment,
stainless steel 1.4404, matt ground with grain size 240, instead of standard aluminium
front
C9900-F948
stainless steel front with blue silicone seal for CP2x21-00x0 for horizontal alignment,
stainless steel 1.4404, matt ground with grain size 240, instead of standard aluminium
front
C9900-R249
memory extension to 4 GB DDR3 RAM, instead of 2 GB, requires a 64 bit operating
system or only 3 GB are addressable
C9900-R250
memory extension to 8 GB DDR3 RAM, instead of 2 GB, requires a 64 bit operating
system
C9900-B415
third on-board Ethernet adapter on the 3½-inch motherboard for Intel Atom® or Intel®
Celeron® ULV 827E 1.4 GHz, wired out with a 100/1000BASE-T connector inside the
connector bracket at the connection section
C9900-B518
1 PCIe module slot integrated inside CP27xx, to plug-in Beckhoff PCIe modules, instead
of 1 connector bracket to lead out interfaces
C9900-E233
1 serial port RS232 of the motherboard led out at the connection section of a C5210,
C65x5, CP2xxx, CP62xx or CP67xx-xxxx-0040/-0050
C9900-E234
2 USB ports of the motherboard led out at the connection section of a C5210, C65x5,
CP2xxx, CP62xx or CP67xx-xxxx-0040/-0050
C9900-E240
Serial port COM2 RS232, optically linked, overload protection, D-sub 9-pin connector.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com