Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9900-R250 Datasheet(PDF) 4 Page - Beckhoff Automation GmbH & Co. KG

Part # C9900-R250
Description  The fanless multi-touch built-in Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

C9900-R250 Datasheet(HTML) 4 Page - Beckhoff Automation GmbH & Co. KG

  C9900-R250 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG C9900-R250 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG C9900-R250 Datasheet HTML 3Page - Beckhoff Automation GmbH & Co. KG C9900-R250 Datasheet HTML 4Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CP27xx-0000
https://www.beckhoff.com/cp27xx-0000
Technical changes reserved
As of 23.06.2021 | Site 4 of 4
C9900-E241
Serial port COM2 RS485, optically linked, overload protection, D-sub 9-pin connector.
Configuration as an end point without echo: echo off, auto send on, always send off,
auto receive on, always receive off, termination on
C9900-E242
Serial port COM2 RS422, optically linked, overload protection, D-sub 9-pin connector.
Configuration as a full duplex end point: echo on, auto send off, always send on, auto
receive off, always receive on, termination on
C9900-Z411
adapter plug DVI-I to VGA
C9900-Z413
adapter cable DVI-I to DVI and VGA, 15 cm
C9900-H583
40 GB CFast card, 3D flash, extended temperature range
C9900-H587
80 GB CFast card, 3D flash, extended temperature range
C9900-H624
160 GB CFast card, 3D flash, extended temperature range
C9900-H586
40 GB CFast card, 3D flash, extended temperature range, instead of 20 GB CFast card
C9900-H590
80 GB CFast card, 3D flash, extended temperature range, instead of 20 GB CFast card
C9900-H627
160 GB CFast card, 3D flash, extended temperature range, instead of 20 GB CFast card
C9900-U209
uninterruptible power supply UPS, integrated into the 24 V power supply, without battery
C9900-U330
battery pack for PCs with 24 V power supply and integrated UPS C9900-P209 or C9900-
U209, external, for DIN rail mounting, 3.4 Ah, operating temperature 0…50 °C, contains
two rechargeable, sealed lead batteries VRLA-AGM
C9900-U332-0010
battery pack for 24 V power supply with integrated UPS C9900-U209 at PCs with Intel
Atom® or Celeron® ULV 827E 1.4 GHz processor, external, for DIN rail mounting, 1.2 Ah,
operating temperature 0…50 °C, contains two rechargeable, sealed lead batteries VRLA-
AGM
C9900-S706
TwinCAT 2 PLC runtime for Windows Embedded Compact 7
C9900-S707
TwinCAT 2 NC PTP runtime for Windows Embedded Compact 7
C9900-S708
TwinCAT 2 NC I runtime for Windows Embedded Compact 7
CP27xx-0000
Options for CP27xxwith1 module slot C9900-B518
FC9062
Gigabit Ethernet PCIe module for PCs with Beckhoff PCIe module slots, 2-channel, PCI
Express x1 bus
C9900-E277
USB 3.0 PCIe module
- 2-port USB 3.0 interfaces
- USB transfer rate up to 5 Gbit/s for USB 3.0
- compatible to all USB standards
- delivers up to 1 A supply current at each USB port



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com