Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9900-R257 Datasheet(PDF) 3 Page - Beckhoff Automation GmbH & Co. KG

Part # C9900-R257
Description  The fanless multi-touch built-in Panel PC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

C9900-R257 Datasheet(HTML) 3 Page - Beckhoff Automation GmbH & Co. KG

  C9900-R257 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG C9900-R257 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG C9900-R257 Datasheet HTML 3Page - Beckhoff Automation GmbH & Co. KG C9900-R257 Datasheet HTML 4Page - Beckhoff Automation GmbH & Co. KG C9900-R257 Datasheet HTML 5Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CP27xx-0010
https://www.beckhoff.com/cp27xx-0010
Technical changes reserved
As of 23.06.2021 | Site 3 of 5
Operating system
Windows Embedded Compact 7, English
Windows 7, Windows Embedded Standard
7, Windows 10 IoT Enterprise
Ordering Information
CP27xx-0010
Fanless multi-touchbuilt-inPanel PC
CP2712-0010
12-inch display 800 x 600, multi-finger touch screen
CP2713-0010
12.1-inch display 1280 x 800, multi-finger touch screen
CP2715-0010
15-inch display 1024 x 768, multi-finger touch screen
CP2716-0010
15.6-inch display 1366 x 768, multi-finger touch screen
CP2718-0010
18.5-inch display 1366 x 768, multi-finger touch screen
CP2719-0010
19-inch display 1280 x 1024, multi-finger touch screen
CP2721-0010
21.5-inch display 1920 x 1080, multi-finger touch screen
CP2724-0010
24-inch display 1920 x 1080, multi-finger touch screen
Options
Options
CP27xx-0010
C9900-E268
1-port USB socket inside the front of a CP2xxx without push-button extension, USB-A
socket IP 65
C9900-F942
stainless steel front with blue silicone seal for CP2x13-00x0 for horizontal alignment,
stainless steel 1.4404, matt ground with grain size 240, instead of standard aluminium
front
C9900-F945
stainless steel front with blue silicone seal for CP2x16-00x0 for horizontal alignment,
stainless steel 1.4404, matt ground with grain size 240, instead of standard aluminium
front
C9900-F946
stainless steel front with blue silicone seal for CP2x18-00x0 for horizontal alignment,
stainless steel 1.4404, matt ground with grain size 240, instead of standard aluminium
front
C9900-F948
stainless steel front with blue silicone seal for CP2x21-00x0 for horizontal alignment,
stainless steel 1.4404, matt ground with grain size 240, instead of standard aluminium
front
C9900-C572
processor Intel Atom® E3827, 1.75 GHz, 2 cores (TC3: 40), instead of Intel Atom®
E3815, 1.46 GHz (TC3: 40).
With Windows Embedded Compact 7 only one core is supported. Multicore support is
available with Windows Embedded Standard 7, Windows 7 Professional, Windows 7
Ultimate and Windows 10 IoT Enterprise.
C9900-C573
processor Intel Atom® E3845, 1.91 GHz, 4 cores (TC3: 50), instead of Intel Atom®
E3815, 1.46 GHz (TC3: 40).
With Windows Embedded Compact 7 only one core is supported. Multicore support is
available with Windows Embedded Standard 7, Windows 7 Professional, Windows 7
Ultimate and Windows 10 IoT Enterprise.
C9900-R257
memory extension to 4 GB DDR3L RAM, instead of 2 GB, requires a 64 bit operating
system or only 3 GB are addressable
C9900-R258
memory extension to 8 GB DDR3L RAM, instead of 2 GB, requires a 64 bit operating
system



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com