Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-YS2NJ/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R8-YS2NJ/Q
Description  Remote I/O R8 Series DC CURRENT OUTPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-YS2NJ/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R8-YS2NJ/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-YS2NJ/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-YS2NJ/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-YS2NJ/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R8-YS2NJ
http://www.m-system.co.jp/
R8-YS2NJ SPECIFICATIONS
ES-9744 Rev.1 Page 2/4
output span standard value (20 mA) ÷ output span (16 mA)
× 0.08(%) = 0.1 (%).
output span standard value is the same as the span at
output range 0 - 20 mA DC.
Conversion rate: 2 msec.
Output circuit time constant: ≤ 1 msec. (0 → 90 %)
Data range: 0 – 10000 of the output range
Data allocation: 2
Module addresses in use: 1
Power output (between 1 to 4 pin of output terminal): Rated
curent 0.5 A DC per channel
Total 1 A DC
(rated current 3 A for internal fuse (slow blow fuse i2t (A2sec)
max. 5.04)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Insulation resistance: ≥ 100 MΩ with 250 V DC
Dielectric strength:
1500 V AC @ 1 minute (output 1 or output 2 or exc. supply
to internal bus or internal power to ground)
300 V AC @ 1 minute (output 1 or output 2 to exc.supply)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
Module Address Setting
Rotary SW
Function Setting
DIP SW
Terminator DIP SW
Short ground
RUN
AO_I1
AO_I2
1 2 3 4 5 6 7 8
SW4
SW3
Term
■ FRONT VIEW
■ RIGHT SIDE VIEW
On
On
JP1
SHORT
OPEN
■ LEFT SIDE VIEW
1
0
9
1
0
9
SW1
×10
CARD ADD.
×1
SW2
1
0
9
1
0
9
Status Indicator LED
Output Status
Indicator LEDs
Internal Bus Connectors
Output Connectors
Internal Bus Connectors
Internal Bus Connectors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com