Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S506TYR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S506TYR
Description  MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S506TYR Datasheet(HTML) 2 Page - Vishay Siliconix

  S506TYR Datasheet HTML 1Page - Vishay Siliconix S506TYR Datasheet HTML 2Page - Vishay Siliconix S506TYR Datasheet HTML 3Page - Vishay Siliconix S506TYR Datasheet HTML 4Page - Vishay Siliconix S506TYR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number 85095
Rev. 1, 21-Oct-02
www.vishay.com
2
VISHAY
S506TY/S506TYR/S506TYRW
Vishay Semiconductors
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Maximum Thermal Resistance
on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35 µm Cu
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
VDS = VRG1 = 5 V, VG2S = 4 V, RG1 = 56 kΩ, ID = IDSO, f = 1 MHz
Part
Marking
Package
S506TY
Y06
SOT143
S506TYR
Y6R
SOT143R
S506TYRW
WY6
SOT343R
Parameter
Test condition
Symbol
Value
Unit
Drain - source voltage
VDS
8
V
Drain current
ID
30
mA
Gate 1/Gate 2 - source peak
current
± I
G1/G2SM
10
mA
Gate 1 - source voltage
+ VG1SM
6
V
- VG1SM
1.5
V
Gate 2 - source voltage
± V
G2SM
6
V
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Parameter
Test condition
Symbol
Value
Unit
Channel ambient
1)
RthChA
450
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Drain - source breakdown voltage
ID = 10 µA, VG1S = VG2S = 0
V(BR)DSS
12
V
Gate 1 - source breakdown voltage + IG1S = 10 mA, VG2S = VDS = 0
+ V(BR)G1SS
7
10
V
Gate 2 - source breakdown voltage
± IG2S = 10 mA, VG1S = VDS = 0
± V(BR)G2SS
7
10
V
Gate 1 - source leakage current
+ VG1S = 5 V, VG2S = VDS = 0
+ IG1SS
20
nA
Gate 2 - source leakage current
± VG2S = 5 V, VG1S = VDS = 0
± IG2SS
20
nA
Drain - source operating current
VDS = VRG1 = 5 V, VG2S = 4 V, RG1
= 56 k
Ω
IDSO
8
12
17
mA
Gate 1 - source cut-off voltage
VDS = 5 V, VG2S = 4, ID = 20 µA
VG1S(OFF)
0.3
1.0
V
Gate 2 - source cut-off voltage
VDS = VRG1 = 5 V, RG1 = 56 kΩ, ID
= 20 µA
VG2S(OFF)
0.3
1.0
1.2
V
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward transadmittance
|y21s|
23
28
33
mS
Gate 1 input capacitance
Cissg1
2.5
3.0
pF
Feedback capacitance
Crss
20
fF
Output capacitance
Coss
0.9
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com