Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-SV2/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R8-SV2/Q
Description  Remote I/O R8 Series DC VOLTAGE INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-SV2/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R8-SV2/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-SV2/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-SV2/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-SV2/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R8-SV2
http://www.m-system.co.jp/
R8-SV2 SPECIFICATIONS
ES-9729 Rev.2 Page 2/4
Module addresses in use: 1
Max. consumption current: 100 mA
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1000 V AC @ 1 minute (input 1 to input 2 to exc. supply to
internal bus or internal power to FG)
1000 V AC @ 1 minute (for modules combined with this
device)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
RUN
AI_V1
AI_V2
Module Address Setting
Rotary SW
Function Setting
DIP SW
Terminator DIP SW
8
7
8
7
SW1
x10
1 2 3 4 5 6 7 8
x1
SW2
SW4
SW3
Term
On
On
Status Indicator LED
Input Status Indicator LED
Internal Bus Connector
Input Connectors
FRONT VIEW
SIDE VIEW
CARD ADD.
1
0
9
1
0
9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com