Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-SS4NJ/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R8-SS4NJ/Q
Description  Remote I/O R8 Series DC CURRENT INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-SS4NJ/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R8-SS4NJ/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-SS4NJ/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-SS4NJ/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-SS4NJ/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R8-SS4NJ
R8-SS4NJ SPECIFICATIONS
ES-9732 Rev.4 Page 2/4
http://www.m-system.co.jp/
Module addresses in use: 2
Power output (input terminal): Rated curent DC 0.5 A DC
per channel (rated current 3 A for internal fuse (slow blow
fuse i2t (A2sec) max. 5.04); Total: 1 A DC
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Insulation resistance: ≥ 100 MΩ with 250 V DC
Dielectric strength: 300 V AC @1 minute
(input to exc. supply)
1500V AC @1 minute
(input or exc. supply to internal bus or internal power to
ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
RUN
AI_I1
AI_I2
Module Address Setting
Rotary SW
Function Setting
DIP SW
Terminator DIP SW
8
7
8
7
SW1
x10
1 2 3 4 5 6 7 8
x1
SW2
SW4
SW3
Term
On
On
Status Indicator LED
Input Indicator LED
Internal Bus Connector
Input Connectors
FRONT VIEW
RIGHT SIDE VIEW
CARD ADD.
AI_I1
Short across grounds
JP1
SHORT
OPEN
LEFT SIDE VIEW
1
0
9
1
0
9
SHORT ACROSS GROUNDS
Choose to open or short across grounds of excitation supply and input.
In case of shorting across, insert short-plug on center pin of JP1 and SHORT side.
In case of opening, insert short-plug on center pin of JP1 and OPEN side.
Factory default is on SHORT side.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com