Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R80NECT1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R80NECT1-R
Description  Remote I/O R80 Series POWER/NETWORK MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R80NECT1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R80NECT1-R Datasheet HTML 1Page - M-System Co.,Ltd. R80NECT1-R Datasheet HTML 2Page - M-System Co.,Ltd. R80NECT1-R Datasheet HTML 3Page - M-System Co.,Ltd. R80NECT1-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: R80NECT1
R80NECT1 SPECIFICATIONS
ES-7022 Rev.2 Page 1/4
http://www.m-system.co.jp/
Remote I/O R80 Series
POWER/NETWORK MODULE
(EtherCAT)
Functions & Features
• Free combination of analog and discrete I/O
• Space-saving
EtherCAT® is a registered trademark and patented
technology, licensed by Beckhoff Automation GmbH,
Germany.
(mm)
50 (1.97)
115 (4.53)
73 (2.87)
MODEL: R80NECT1–R[1]
ORDERING INFORMATION
• Code number: R80NECT1-R[1]
Specify a code from below for [1].
(e.g. R80NECT1-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
MODULE TYPE
NECT1: EtherCAT
POWER INPUT
DC power
R: 24 V DC
(Operational voltage range: ±10 %; ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R80CFG)
• ESI file
The ESI file and configurator software are downloadable at
M-System’s web site.
For connecting to PC, use commercially available Mini-B
type USB cable. (provided by user)
PACKAGE INCLUDES...
• Protective cover
GENERAL SPECIFICATIONS
Connection
• Power input and excitation supply: Tension clamp terminal
block (Front Twin connection)
• EtherCAT: RJ-45 modular jack
• Internal bus, internal power and excitation supply: Via bus
connector
Max. number of I/O modules: 16
(Max. consumption current of I/O modules: 1.6 A)
Isolation: Internal bus or internal power or power input to
excitation supply to EtherCAT or FE1
Status indicator LEDs: PWR, RUN, ERR, L/A IN, L/A OUT
(For details, refer to the operating manual.)
EtherCAT COMMUNICATION
Standard: IEEE 802.3u
Transmission type: 100BASE-TX
Transmission speed: Full-duplex 100 Mbps
Transmission media: 100BASE-TX (STP cable; Category 5e)
Maximum internode length: 100 meters
Fixed address: Set with rotary switches
(The master must support MDP.)
INSTALLATION
Power consumption
•DC: Approx. 12 W 24 V DC (@ internal power max. current
1.6 A) )
Internal power supply (power supply for I/O module):
• DC power supply: 5 V DC
• Current capacity: 1.6 A
Excitation supply output (excitation for I/O module)
• DC: 24 V DC ±10 %
• Operational current: 10 A
(From power and excitation supply connector, via
connector for internal bus, supplied to each I/O module.
Power output current consumption must be under
operational current.)


Similar Part No. - R80NECT1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R80NECT1-R MSYSTEM-R80NECT1-R Datasheet
2Mb / 6P
Remote I/O R80 Series R80 SERIES GENERAL SPECIFICATIONS
More results

Similar Description - R80NECT1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R30NOUA1 MSYSTEM-R30NOUA1 Datasheet
130Kb / 3P
Remote I/O R30 Series NETWORK MODULE
R30NECT1 MSYSTEM-R30NECT1 Datasheet
131Kb / 3P
Remote I/O R30 Series NETWORK MODULE
R7FN-DC8C MSYSTEM-R7FN-DC8C Datasheet
158Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DA16 MSYSTEM-R7FN-DA16 Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R8-NM1 MSYSTEM-R8-NM1 Datasheet
443Kb / 10P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NEIP1 MSYSTEM-R8-NEIP1 Datasheet
232Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NECT1 MSYSTEM-R8-NECT1 Datasheet
233Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-ND1 MSYSTEM-R8-ND1 Datasheet
320Kb / 4P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NC3 MSYSTEM-R8-NC3 Datasheet
306Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R80 MSYSTEM-R80 Datasheet
2Mb / 6P
Remote I/O R80 Series R80 SERIES GENERAL SPECIFICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com