Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC200-22-M2/3 Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # SC200-22-M2/3
Description  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC200-22-M2/3 Datasheet(HTML) 6 Page - M-System Co.,Ltd.

Back Button SC200-22-M2/3 Datasheet HTML 2Page - M-System Co.,Ltd. SC200-22-M2/3 Datasheet HTML 3Page - M-System Co.,Ltd. SC200-22-M2/3 Datasheet HTML 4Page - M-System Co.,Ltd. SC200-22-M2/3 Datasheet HTML 5Page - M-System Co.,Ltd. SC200-22-M2/3 Datasheet HTML 6Page - M-System Co.,Ltd. SC200-22-M2/3 Datasheet HTML 7Page - M-System Co.,Ltd. SC200-22-M2/3 Datasheet HTML 8Page - M-System Co.,Ltd. SC200-22-M2/3 Datasheet HTML 9Page - M-System Co.,Ltd. SC200-22-M2/3 Datasheet HTML 10Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MODEL: SC200
SC200 SPECIFICATIONS
ES-6338 Rev.17 Page 6/12
http://www.m-system.co.jp/
EXTERNAL VIEW
Auto/Man
1
2
3
4
5
6
3
4
5
6
1
7
Auto/Man
1. TFT Color LCD with touch panel
Provides operation and engineering views to facilitate monitoring and setting
2. Infrared communication port
Used to communicate with PC via IRDA Communication Adaptor (model: COP-IRDA) to program and change parameters
using Loop Configuration Builder Software (model: SFEW3E) or PC Configurator Software (model: SCCFG)
3. MV value (DOWN) button
4. Acceleration button
(Accelerates MV signal’s changing speed by pressing simultaneously with MV value button)
5. MV value (UP) button
6. Auto / Man selector (changes the control mode for MV output)
7. Configurator jack and cap
Connects with a PC where Loop Configuration Builder Software (model: SFEW3E) or PC configurator software (model: SCCFG)
is installed via a PC configurator cable (model: COP-US) and enables programming and parameter setting
■ CONTROL MODULE FRONT VIEW
• Infrared communication type
• Stereo jack type
COMMUNICATION CABLE CONNECTIONS
SML
SML
This unit
*1
*1
T1
T2
T3
T4
T1
T2
T3
T4
T1
T2
T3
T4
■ Modbus-RTU
■ NestBus
R2K-1
This unit
This unit
RS-232-C
RS-485
*1
*1
*1. Internal terminating resistor is used when the device is at the end of a transmission line.
*2. Install shield cables to all sections and ground them at single point.
*2
FG
*2
FG
RS-485
T1
T2
T3
T4
T1
T2
T3
T4
T1
T2
T3
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com