Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R80 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R80
Description  Remote I/O R80 Series R80 SERIES GENERAL SPECIFICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R80 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R80 Datasheet HTML 1Page - M-System Co.,Ltd. R80 Datasheet HTML 2Page - M-System Co.,Ltd. R80 Datasheet HTML 3Page - M-System Co.,Ltd. R80 Datasheet HTML 4Page - M-System Co.,Ltd. R80 Datasheet HTML 5Page - M-System Co.,Ltd. R80 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: R80
R80 SPECIFICATIONS
ES-7021 Rev.0 Page 1/6
http://www.m-system.co.jp/
Remote I/O R80 Series
R80 SERIES GENERAL SPECIFICATIONS
Functions & Features
• Remote I/O modules which interchange analog or digital
I/O signals with the fieldbus
• Space-saving
Typical Applications
• Remote I/O for DCS and PLC
• Personal computer I/O
ORDERING INFORMATION
Refer to the specifications of the respective modules for
details.
POWER/NETWORK MODULE: R80[1]-R
Refer to the specifications for the respective models.
[1] MODULE TYPE
NECT1: EtherCAT
POWER INPUT
DC power
R: 24 V DC
(Operational voltage range: ±10 %; ripple 10 %p-p max.)
I/O MODULE: R80[1]
Refer to the specifications for the respective models.
[1] MODULE TYPE
• Discrete Input
DAT8A: Discrete input (NPN), 8 points (Tension clamp terminal block)
• Discrete Output
DCT8A: Transistor output (NPN), 8 points (Tension clamp terminal block)
Since internal power supply source and internal
communication bus are performed through the connector of
each module, installation base is unnecessary.
FUNCTIONS & FEATURES
The R80 Series Remote I/O is composed of power/network
modules and I/O modules.
■ I/O MODULE
Performs data conversion of field inputs; Data conversion of
data received through the internal bus into outputs.
■ POWER/NETWORK MODULE
The power/network module supplies the I/O modules with
required internal electrical power source.
The power/network module changes the receiving data from
internal bus into output signal and vice versa, acts as a
gateway between transmission line and internal bus.
■ HOT INSERTION/REMOVAL OF I/O MODULES
Since internal power supply and internal bus are performed
through the connector of each module, it cannot be
replaced with the power on.
■ DIELECTRIC STRENGTH
As dielectric strength differs depending on each module,
refer to each specification sheet.
RELATED PRODUCTS
• PC configurator software (model: R80CFG)
Downloadable at M-System’s web site.
For connecting to PC, use commercially available Mini-B
type USB cable. (provided by user)
GENERAL SPECIFICATIONS
Power input:
•R80NECT1-R
24 V DC ±10 %; ripple 10 %p-p max.
Power consumption
•DC: Approx. 12 W
24 V DC (@ output current 1.6 A)
Internal power
•DC: 5 V DC
•Operational current: 1.6 A
Excitation supply output
•DC: 24 V DC ±10 %
•Operational current: 10 A
(Power output current consumption must be under rated
current)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail (35 mm wide)
Connection
•Power/network module


Similar Part No. - R80

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R8000H RECTRON-R8000H Datasheet
134Kb / 4P
Fast Recovery High Voltage Diodes
logo
Rohm
R8001CND ROHM-R8001CND Datasheet
2Mb / 14P
Nch 800V 1A Power MOSFET
logo
Inchange Semiconductor ...
R8001CND ISC-R8001CND Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
logo
Rohm
R8001CND3FRA ROHM-R8001CND3FRA Datasheet
2Mb / 14P
Nch 800V 1A Power MOSFET
R8002ANJ ROHM-R8002ANJ Datasheet
986Kb / 14P
Nch 800V 2A Power MOSFET
More results

Similar Description - R80

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FAMCL-01 MSYSTEM-FAMCL-01 Datasheet
155Kb / 3P
Remote I/O FAM Series
MPHLS MSYSTEM-MPHLS Datasheet
194Kb / 5P
Remote I/O MP Series
R5-TCTA MSYSTEM-R5-TCTA Datasheet
115Kb / 3P
Remote I/O R5 Series
R5-TCT MSYSTEM-R5-TCT Datasheet
104Kb / 3P
Remote I/O R5 Series
R5-PA2 MSYSTEM-R5-PA2 Datasheet
114Kb / 3P
Remote I/O R5 Series
R5-TSV MSYSTEM-R5-TSV Datasheet
109Kb / 3P
Remote I/O R5 Series
R5-TS1A MSYSTEM-R5-TS1A Datasheet
126Kb / 4P
Remote I/O R5 Series
R80NECT1 MSYSTEM-R80NECT1 Datasheet
202Kb / 4P
Remote I/O R80 Series POWER/NETWORK MODULE
R80DCT8A MSYSTEM-R80DCT8A Datasheet
248Kb / 5P
Remote I/O R80 Series NPN TRANSISTOR OUTPUT MODULE, 8 points
R80DAT8A MSYSTEM-R80DAT8A Datasheet
250Kb / 5P
Remote I/O R80 Series NPN DISCRETE INPUT MODULE, 8 points
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com