Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R80NECT1-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R80NECT1-R
Description  Remote I/O R80 Series R80 SERIES GENERAL SPECIFICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R80NECT1-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R80NECT1-R Datasheet HTML 1Page - M-System Co.,Ltd. R80NECT1-R Datasheet HTML 2Page - M-System Co.,Ltd. R80NECT1-R Datasheet HTML 3Page - M-System Co.,Ltd. R80NECT1-R Datasheet HTML 4Page - M-System Co.,Ltd. R80NECT1-R Datasheet HTML 5Page - M-System Co.,Ltd. R80NECT1-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: R80
R80 SPECIFICATIONS
ES-7021 Rev.0 Page 2/6
http://www.m-system.co.jp/
·Power supply, exc. supply:
Tension clamp terminal block (Front twin connection)
Applicable wire size: 0.2 to 2.5 mm2, stripped length 10
mm
·EtherCAT: RJ-45 connector
•I/O module:
Tension clamp terminal block
Applicable wire size: 0.2 to 1.5 mm2, stripped length 10
mm
Housing material: Flame-resistant resin (black)
Max. number of I/O modules: 16 (module address: 0 to 15)
Internal communication bus: Transmission cycle approx. 65
μsec. + 65 μsec. x No. of Modules
■ Weight
R80NECT1: 210 g (0.46 lb)
R80DAT8A: 80 g (0.18 lb)
R80DCT8A: 80 g (0.18 lb)
Protective cover: 15 g (0.03 lb)
CURRENT CONSUMPTION
The I/O modules operate by the DC voltage (5 V DC)
supplied from the power/network module. Arrange these
modules in order that the total current consumed by these
modules can be within the supply current capacity. If the
current consumption exceeds the limit, change the
combination of I/O modules or reduce the no. of modules
mounted. Even if total consumption current of the I/O
modules is less than the supply current capacity, the total
install number of the modules is max. 16.
■ Max. current consumption
R80DAT8A: 100 mA
R80DCT8A: 120 mA
USING EXCITATION SUPPLY
Some I/O modules use excitation supply, on the other hand
some I/O modules do not. When excitation supply is cut off
during power supply is on, operation is as the table shown
below.
MODEL
EXC.
SUPPLY
OPERATION AT ONLY
EXC. SUPPLY CUTOFF
R80DAT8A
√
Input is turned OFF.
R80DCT8A
√
Output is turned OFF.
‘√’: Excitation supply is used.
‘–’: Excitation supply is not used.
BASIC CONFIGURATION
The number of I/O modules that can be mounted changes
depending on the power/network module. Refer to the
specifications of each power/network module for details.
Althoug the module address can be arbitrarily set
regardless of its mounting position, to avoid overlapped and
unused addresses, set them consecutively starting at 0.
Only for rightmost module, set termination resistor to
enable. Protective cover is included in the package of
power/network module.
I/O MODULES
POWER/NETWORK MODULE
PROTECTIVE COVER
HOW TO MOUNT THE MODULE ON DIN RAIL
■
• Power/Network Module
Position the upper hook at the rear on the DIN rail and push in the lower.
When removing the module, push down the DIN rail adaptor utilizing a
flat-blade screwdriver and pull.
Hook
DIN Rail Adaptor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com