Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9900-R257 Datasheet(PDF) 2 Page - Beckhoff Automation GmbH & Co. KG

Part # C9900-R257
Description  Economy Panel PC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

C9900-R257 Datasheet(HTML) 2 Page - Beckhoff Automation GmbH & Co. KG

  C9900-R257 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG C9900-R257 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG C9900-R257 Datasheet HTML 3Page - Beckhoff Automation GmbH & Co. KG C9900-R257 Datasheet HTML 4Page - Beckhoff Automation GmbH & Co. KG C9900-R257 Datasheet HTML 5Page - Beckhoff Automation GmbH & Co. KG C9900-R257 Datasheet HTML 6Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CP32xx-0010
https://www.beckhoff.com/cp32xx-0010
Technical changes reserved
As of 23.06.2021 | Site 2 of 6
The CP32xx Panel PCs are equipped with one or two hard disks, SSDs or CFast cards or combinations thereof. With the on-
board RAID controller, two same hard disks, SSDs or CFast cards can be mirrored.
Accessibility of the components
The data media and the lithium battery of the system clock are accessible from the rear under the cover.
Flexible expansion options
There is a PCI slot in the CP32xx. A factory-fitted FC9062 PCIe module with two additional Ethernet ports can be added.
NOVRAM is also available as PCIe module for fail-safe data storage.
Advantage at the very core: the Beckhoff Industrial PCs
Beckhoff is a pioneer in PC-based automation technology and has been developing and producing its own PC hardware since
1986. The technology know-how that has grown over the past decades is incorporated today into all Beckhoff Industrial PCs.
Their principle feature is the use of state-of-the-art components and processors of the highest performance class. Combined
with a high in-house production depth, including proprietary motherboard production, long-term component availability,
extremely flexible configuration and customer-specific adaptations, Beckhoff presents itself today as one of the world's
leading Industrial PC manufacturers.
Product information
Technical Data
Technical data
CP32xx-0010
Options
Device type
Multi-touch Panel PC
Housing
aluminium housing for mounting arm installation
Mounting arm adapter
rotatable and tiltable mounting arm
adapter for Rittal and Rolec mounting arm
systems with 48 mm tube from top
from bottom
Wiring area
for up to 6 IP 65 connectors, 4 of these are free
Slots for hard disk/flash
1 slot for 2½-inch hard disk/SSD, 1 slot for
CFast
2 slots for CFast or 2 slots for 2½-inch hard
disk/SSD
Cooling
passive through heat sink structure, internal fan for equal heat distribution to all housing
walls
Free space for air circulation
20 cm (7.9") around the PC required
Protectionclass
IP 65
Operating temperature
0…45 °C
Displaysize/resolution
12" 800 x 600, 12.1" 1280 x 800, 15" 1024 x 768, 15.6" 1366 x 768, 18.5" 1366 x 768,
19" 1280 x 1024, 21.5" 1920 x 1080 or 24" 1920 x 1080
Touchscreen
multi-finger touch screen
Processor
Intel® Celeron® 2000E 2.2 GHz, 2 cores
(TC3: 50)
up to Intel® Core™ i7-4700EQ 2.4 GHz, 4
cores (TC3: 80)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com